Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 11Page - Microchip Technology MCP19124 Datasheet HTML 12Page - Microchip Technology MCP19124 Datasheet HTML 13Page - Microchip Technology MCP19124 Datasheet HTML 14Page - Microchip Technology MCP19124 Datasheet HTML 15Page - Microchip Technology MCP19124 Datasheet HTML 16Page - Microchip Technology MCP19124 Datasheet HTML 17Page - Microchip Technology MCP19124 Datasheet HTML 18Page - Microchip Technology MCP19124 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 15
MCP19124/5
2.1
Detailed Pin Functional
Description
2.1.1
GPA0 PIN
GPA0 is a general-purpose TTL input or CMOS output
pin whose data direction is controlled in TRISGPA. An
internal weak pull-up and interrupt-on-change are also
available.
AN0 is an input to the A/D. To configure this pin to be
read by the A/D on channel 0, bits TRISA0 and ANSA0
must be set.
The ABECON register can be configured to set this pin
to the TEST_OUT function. It is a buffered output of the
internal analog or digital signal multiplexers. Analog
signals present on this pin are controlled by the
ADCON0 register. Digital signals present on this pin
are controlled by the ABECON register.
2.1.2
GPA1 PIN
GPA1 is a general-purpose TTL input or CMOS output
pin whose data direction is controlled in TRISGPA. An
internal weak pull-up and interrupt-on-change are also
available.
AN1 is an input to the A/D. To configure this pin to be
read by the A/D on channel 1, bits TRISA1 and ANSA1
must be set.
When the MCP19124/5 are configured as a master or
slave, this pin can be configured to be the switching
frequency synchronization input or output (CLKPIN).
2.1.3
GPA2 PIN
GPA2 is a general-purpose ST input or CMOS output
pin whose data direction is controlled in TRISGPA. An
internal weak pull-up and interrupt-on-change are also
available.
AN2 is an input to the A/D. To configure this pin to be
read by the A/D on channel 2, bits TRISA2 and ANSA2
must be set.
When bit T0CS is set in the OPTION_REG register, the
T0CKI function is enabled. Refer to Section 21.0
“Timer0 Module” for more information.
GPA2 can also be configured as an external interrupt
by setting the INTE bit. Refer to Section 13.2
“GPA2/INT Interrupt” for more information.
2.1.4
GPA3 PIN
GPA3 is a general-purpose TTL input or CMOS output
pin whose data direction is controlled in TRISGPA. An
internal weak pull-up and interrupt-on-change are also
available.
AN3 is an input to the A/D. To configure this pin to be
read by the A/D on channel 3, bits TRISA3 and ANSA3
must be set.
2.1.5
GPA5 PIN
GPA5 is a general-purpose TTL input only pin. An
internal weak pull-up and interrupt-on-change are also
available.
For programming purposes, this pin is to be connected
to the MCLR pin of the serial programmer. Refer to
Section 30.0 “In-Circuit Serial Programming™
(ICSP™)” for more information.
This pin is MCLR when the MCLRE bit is set in the
CONFIG register.
2.1.6
GPA6 PIN
GPA6 is a general-purpose CMOS output ST input pin
whose data direction is controlled in TRISGPA.
ICSPDAT is a serial programming data I/O function.
This can be used in conjunction with ICSPCLK to serial
program the device.
GPA6 is part of the CCD Module. For more information,
refer to Section 24.0 “Dual Capture/Compare (CCD)
Module”.
2.1.7
GPA7 PIN
GPA7 is a true open drain general-purpose pin whose
data direction is controlled in TRISGPA. There is no
internal connection between this pin and device VDD.
This pin does not have a weak pull-up, but inter-
rupt-on-change is available.
This pin is the primary ICSPCLK input. This can be
used in conjunction with ICSPDAT to serial program
the device.
When the MCP19124/5 is configured for I2C
communication, Section 28.2 “I2C Mode Overview”,
GPA7 functions as the I2C clock (SCL). This pin must
be configured as an input to allow proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com