Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 23Page - Microchip Technology MCP19124 Datasheet HTML 24Page - Microchip Technology MCP19124 Datasheet HTML 25Page - Microchip Technology MCP19124 Datasheet HTML 26Page - Microchip Technology MCP19124 Datasheet HTML 27Page - Microchip Technology MCP19124 Datasheet HTML 28Page - Microchip Technology MCP19124 Datasheet HTML 29Page - Microchip Technology MCP19124 Datasheet HTML 30Page - Microchip Technology MCP19124 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 27
MCP19124/5
Maximum Primary
Current Sense
Signal Voltage
VIP_MAX
—BG
1.5
V
Note 4
PWM Comparator
Input-to-Output Delay
TD
—
11
20
ns
Note 4
Peak Current Leading Edge Blanking
Resolution
LEB
—
2
—
bits
Blanking Time
Adjustable Range
LEBRANGE
0
—
256
ns
4-Step Programmable
Range
(0, 50,100, and 200 ns)
(Note 4)
Offset Adjustment (IP Sense)
Resolution
OSADJ
—4
—
bits
Offset Adjustment
Range
OSADJ_RANGE
0—
750
mV
Note 4
Offset Adjustment
Step Size
OSADJ_STEP
—
50
—
mV
Linear Steps
Adjustable Slope Compensation
Resolution
SCRES
—
6
—
bits
Log Steps
Slope
m
4
—
437
mV/µs
Slope Step Size
SCSTEP
—
8
—
%
Log Steps
Ramp Set Point
Tolerance
mTOL
—±1
±32
%
Desaturation Detection Comparator
Input Offset Voltage
VOS
—
±1
—
mV
Trimmed, 5 bits adjustable
Input Bias Current
IBIAS
—
±1
—
µA
Internal Circuit Dependent
Common-Mode Input
Voltage Range
VCMR
GND – 0.3V
—
2.7
V
Note 4
Input-to-Output Delay
TD
—
20
—
ns
VDR UVLO
VDR Input Resistance
VDR_RIN
—
230
—
k
VDR UVLO
(2.7V VDR Falling)
VDR_UVLO_2.7_F
2.45
—
2.9
V
VDR UVLO
(2.7 VDR Rising)
VDR_UVLO_2.7_R
2.68
—
3.23
V
VDR UVLO
(2.7V Hysteresis)
VDR_UVLO 2.7 HYS
185
—
425
mV
4.2
Electrical Characteristics (Continued)
Electrical Specifications: Unless otherwise noted, VIN =12V, FSW = 150 kHz, TA =+25°C. Boldface specifications
apply over the TA range of -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Refer to Section 14.0 “Power-Down Mode (Sleep)”.
2: VDD is the voltage present at the VDD pin.
3: Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2%
below its nominal value measured at a 1V differential between VIN and VDD.
4: Ensured by design, not production tested.
5: These parameters are characterized, but not production tested.
6: The VDD LDO will limit the total source current to a maximum of 35 mA. Individually each pin can source a
maximum of 15 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com