Electronic Components Datasheet Search
  English  ▼

X  

DDP3310B Datasheet(PDF) 35 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 35 Page - Micronas

Back Button DDP3310B Datasheet HTML 31Page - Micronas DDP3310B Datasheet HTML 32Page - Micronas DDP3310B Datasheet HTML 33Page - Micronas DDP3310B Datasheet HTML 34Page - Micronas DDP3310B Datasheet HTML 35Page - Micronas DDP3310B Datasheet HTML 36Page - Micronas DDP3310B Datasheet HTML 37Page - Micronas DDP3310B Datasheet HTML 38Page - Micronas DDP3310B Datasheet HTML 39Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
ADVANCE INFORMATION
DDP 3310B
Micronas
35
4. Specifications
4.1. Outline Dimensions
Fig. 4–1:
68-Pin Plastic Leaded Chip Carrier with heat spreader
(PLCC68K)
Weight approximately 4.8 g
Dimensions in mm
4.2. Pin Connections and Short Descriptions
NC = not connected
LV = if not used, leave vacant
X = obligatory; connect as described in circuit diagram
IN = Input
OUT = Output
SUPPLY = Supply Pin
x 45
°
1.2
1.1 x 45
°
16 x 1.27 = 20.32
43
27
26
10
61
9
44
60
1
1.7
3.8
0.1
4.4
1.27
24.2
SPGS0027-2(K)/1E
25.14
Pin No.
Pin Name
Type
Connection
Short Description
PLCCK
68-pin
(If not used)
1
VSUPP
SUPPLY
X
Supply Voltage, Output Pin Driver
2
GNDP
SUPPLY
X
Ground, Output Pin Driver
3
VS2
IN
GNDD
Additional VSYNC input
4
FIFORRD
OUT
LV
FIFO Read counter Reset
5
FIFORD
OUT
LV
FIFO Read Enable
6
FIFOWR
OUT
LV
FIFO Write Enable
7
FIFORWR
OUT
LV
FIFO Write counter Reset
8
HOUT
OUT
X
Horizontal Drive Output
9
HFLB
IN
HOUT
Horizontal Flyback Input
10
SAFETY
IN
GNDO
Safety Input
11
VPROT
IN
GNDO
Vertical Protection Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com