Electronic Components Datasheet Search
  English  ▼

X  

DDP3310B Datasheet(PDF) 36 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 36 Page - Micronas

Back Button DDP3310B Datasheet HTML 32Page - Micronas DDP3310B Datasheet HTML 33Page - Micronas DDP3310B Datasheet HTML 34Page - Micronas DDP3310B Datasheet HTML 35Page - Micronas DDP3310B Datasheet HTML 36Page - Micronas DDP3310B Datasheet HTML 37Page - Micronas DDP3310B Datasheet HTML 38Page - Micronas DDP3310B Datasheet HTML 39Page - Micronas DDP3310B Datasheet HTML 40Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
DDP 3310B
ADVANCE INFORMATION
36
Micronas
12
FREQSEL
IN
X
Selection of H-Drive Frequency Range
13
CM1
IN
X
Clock Select 40.5 or 27/32 MHz
14
CM0
IN
X
Clock select 27/32 MHz
15
RSW2
OUT
LV
Range Switch2, Measurement ADC
16
RSW1
IN/OUT
LV
Range Switch1, Measurement ADC
17
SENSE
IN
GNDO
Sense ADC Input
18
GNDM
SUPPLY
X
Ground, MADC Input
19
VERT+
OUT
GNDO
Differential Vertical Sawtooth Output
20
VERT
−
OUT
GNDO
Differential Vertical Sawtooth Output
21
EW
OUT
GNDO
Vertical Parabola Output
22
XREF
IN
X
Reference Input for RGB DACs
23
SVM
OUT
VSUPO
Scan Velocity Modulation
24
ROUT
OUT
VSUPO
Analog Output Red
25
GOUT
OUT
VSUPO
Analog Output Green
26
BOUT
OUT
VSUPO
Analog Output Blue
27
GNDO
SUPPLY
X
Ground, Analog Back-end
28
VSUPO
SUPPLY
X
Supply Voltage, Analog Back-end
29
VRD/BCS
IN
X
DAC Reference, Beam Current Safety
30
FBLIN1
IN
GNDO
Fast-Blank1 Input
31
RIN1
IN
GNDO
Analog Red1 Input
32
GIN1
IN
GNDO
Analog Green1 Input
33
BIN1
IN
GNDO
Analog Blue1 Input
34
FBLIN2
IN
GNDO
Fast-Blank2 Input
35
RIN2
IN
GNDO
Analog Red2 Input
36
GIN2
IN
GNDO
Analog Green2 Input
37
BIN2
IN
GNDO
Analog Blue2 Input
38
TEST
IN
GNDD
Test Pin
39
RESQ
IN
X
Reset Input, active low
40
PWM1
OUT
LV
I2C-controlled DAC
41
PWM2
OUT
LV
I2C-controlled DAC
42
HCS
IN
GNDD
Half-Contrast
Pin No.
Pin Name
Type
Connection
Short Description
PLCCK
68-pin
(If not used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com