Electronic Components Datasheet Search
  English  ▼

X  

DDP3310B Datasheet(PDF) 6 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 6 Page - Micronas

Back Button DDP3310B Datasheet HTML 2Page - Micronas DDP3310B Datasheet HTML 3Page - Micronas DDP3310B Datasheet HTML 4Page - Micronas DDP3310B Datasheet HTML 5Page - Micronas DDP3310B Datasheet HTML 6Page - Micronas DDP3310B Datasheet HTML 7Page - Micronas DDP3310B Datasheet HTML 8Page - Micronas DDP3310B Datasheet HTML 9Page - Micronas DDP3310B Datasheet HTML 10Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
DDP 3310B
ADVANCE INFORMATION
6
Micronas
2. Functional Description
2.1. Display Part
The display part converts the digital YCrCb to analog
RGB (see Fig. 2–7) and provides contrast and satura-
tion adjustment. In case of YCrCb 4:1:1 an interpola-
tion filter is used, which converts the digital input signal
to YCrCb 4:2:2 standard. The 4:2:2 YCrCb signal is
processed by the horizontal scaler. In the luminance
processing path, a variety of features, such as
dynamic peaking and soft limiting, are provided. In the
chrominance path, the CrCb signals are converted to
4:4:4 format and filtered by a color transient improve-
ment circuit. The YCrCb signal is converted by a pro-
grammable matrix to RGB color space.
2.1.1. Input Interface
The data inputs Y0…Y7 and C0…C7 are clocked with
the external clock LLC2. The clock frequency is select-
able for 27 or 32 MHz. A clock generator converts the
different external line-locked clock rates to a common
internal sample rate of appr. 40.5 MHz in order to pro-
vide a fix bandwidth for all digital filters. The horizontal
scaler is used for conversion of scan rate and non-lin-
ear aspect ratio. The horizontal sync puls at the HS pin
should be an active video signal, which is not vertically
blanked.
The input interface signals are
– external clock (LLC2)
– luma / chroma inputs (Y0…Y7 / C0…C7)
– horizontal sync (HS) / vertical sync (VS, VS2)
2.1.2. Horizontal Scaler
The scaler block allows linear or non-linear horizontal
scaling of the digital input video signal in the range of
0.25 to 4. Non-linear scaling, also called “panorama
vision”, provides a geometrical distortion of the input
picture. It is used to fit a picture with 4:3 format on a
16:9 screen by stretching the picture geometry at the
borders. The inverse effect can be produced by the
scaler, also. The scaler consists of a programmable
decimation and interpolation filter and a 1/2H FIFO
memory.
A summary of scaler modes is given in Table 2–1.
2.1.3. Luma Processing
The blacklevel of the input signal is assumed to be 16
(ITU-R standard). The luminance signal is multiplied
by a factor between 0 and 2 subdivided into 64 steps.
With a contrast adjustment of 32 (gain=1) the signal
can be shifted by
±100 % of its maximal amplitude with
the digital brightness value. This is for adjustment of
the headrooms for under- and overshoot. After the
brightness addition, the negative going signals are lim-
ited to zero. It is desirable to keep a small positive off-
set with the signal to prevent undershoots produced by
the peaking from being cut.
Table 2–1: Scaler modes
Mode
Scale
Factor
Description
Panorama
4:3
→16:9
non-
linear
compr.
4:3 source displayed on
a16:9 tube,
borders distorted
Waterglass
16:9
→4:3
non-
linear
zoom
Letterbox source (PAL+)
displayed on a 4:3 tube,
vertical overscan,
borders distorted,
no cropping
27
→40.5 MHz
1.5
linear
sample rate conversion
from external to internal
pixel clock
32
→40 MHz
1.25
linear
sample rate conversion
from external to internal
pixel clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com