Electronic Components Datasheet Search
  English  ▼

X  

DDP3310B Datasheet(PDF) 9 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 9 Page - Micronas

Back Button DDP3310B Datasheet HTML 5Page - Micronas DDP3310B Datasheet HTML 6Page - Micronas DDP3310B Datasheet HTML 7Page - Micronas DDP3310B Datasheet HTML 8Page - Micronas DDP3310B Datasheet HTML 9Page - Micronas DDP3310B Datasheet HTML 10Page - Micronas DDP3310B Datasheet HTML 11Page - Micronas DDP3310B Datasheet HTML 12Page - Micronas DDP3310B Datasheet HTML 13Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
ADVANCE INFORMATION
DDP 3310B
Micronas
9
2.1.7. Chroma Interpolation
In case of YCrCb 4:1:1 input format, an interpolation fil-
ter is used which converts the digital input signal to
4:2:2 format. This filter runs with the incoming pixel
clock frequency.
The signal is passed to the scaler in YCrCb 4:2:2 for-
mat in order to convert the incoming pixel clock fre-
quency (27/32 MHz) to the internal frequency (40.5/
40 MHz). A linear phase interpolator is used to convert
the chroma sampling rate from 4:2:2 to 4:4:4.
The frequency response of the interpolator is shown in
Fig. 2–4. All further processing is carried out at the full
sampling rate.
2.1.8. Chroma Transient Improvement
The intention of this block is to enhance the chroma
resolution. A correction signal is calculated by differen-
tiation of the color difference signals. The differentia-
tion can be selected according to the signal bandwidth,
e.g. for PAL/NTSC/SECAM or digital component sig-
nals, respectively. The amplitude of the correction sig-
nal is adjustable. Small noise amplitudes in the correc-
tion signal are suppressed by an adjustable coring
circuit. To eliminate “wrong colors”, which are caused
by over and undershoots at the chroma transition, the
sharpened chroma signals are limited to a proper
value automatically.
2.1.9. Inverse Matrix and Digital RGB Processing
Six multipliers in parallel perform the matrix multiplica-
tion to transform the Cr and Cb signals to R−Y, B−Y,
and G
−Y. The initialization values for the matrix are
computed from the standard ITU-R (CCIR) matrix:
The multipliers are also used to adjust color saturation
and picture contrast. Since the multiplier allows
±4 as
the biggest coefficient, it is possible that the product of
CTM
×SATM×MxxM will be clipped, which causes
wrong colors. SATLIM limits the product of contrast
times saturation to allow a maximum oversaturation.
The matrix computes:
Fig. 2–4: Frequency response of the chroma 4:2:2 to
4:4:4 interpolation filter
Fig. 2–5: Digital color transient improvement
After adding the post-processed luma, the digital RGB
signals are limited to 10 bits. Three multipliers are
used to digitally adjust the white-drive and to imple-
ment an average beam current limiter. See also Sec-
tion 2.2.4. “CRT Measurement and Control”.
R
G
B
1
0
1,402
1
0,345
–
0,713
–
1 1,773
0
Y
Cb
Cr
×
=
dB
MHz
0
-10
-20
-30
-40
-50
04
8
12
16
20
t
t
t
Cr out
Cb out
Ampl.
CrCb
input
a)
b)
c)
a) CrCb input of DTI
b) CrCb input + correction signal
c) sharpened and limited CrCb
R
G
B
MIN
CTM
32
-------------
SATM
32
----------------
×

 SATLIM
32
----------------------
,
1
64
------
×
MR1MMR2M
MG1MMG2M
MB1MMB2M
×
Cb
Cr
CTM
32
-------------
Y
×


+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com