Electronic Components Datasheet Search
  English  ▼

X  

DDP3310B Datasheet(PDF) 4 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 4 Page - Micronas

  DDP3310B Datasheet HTML 1Page - Micronas DDP3310B Datasheet HTML 2Page - Micronas DDP3310B Datasheet HTML 3Page - Micronas DDP3310B Datasheet HTML 4Page - Micronas DDP3310B Datasheet HTML 5Page - Micronas DDP3310B Datasheet HTML 6Page - Micronas DDP3310B Datasheet HTML 7Page - Micronas DDP3310B Datasheet HTML 8Page - Micronas DDP3310B Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
DDP 3310B
ADVANCE INFORMATION
4
Micronas
Display and Deflection Processor
1. Introduction
The DDP 3310B is a single-chip digital Display and
Deflection Processor designed for high-quality back-
end applications in 100/120-Hz TV sets with 4:3- or
16:9 picture tubes. The IC can be combined with mem-
bers
of
the
DIGIT 3000
IC
family
(VPC 32xx,
TPU 3040), or it can be used with third-party products.
The IC contains the entire digital video component and
deflection processing and all analog interface compo-
nents.
1.1. Main Features
Video processing
– linear horizontal scaling (0.25 … 4)
– non-linear horizontal scaling “panoramavision”
– dynamic peaking
– soft limiter (gamma correction)
– color transient improvement
– programmable RGB matrix
– picture frame generator
– two analog RGB/Fast-Blank inputs
Deflection processing
– scan velocity modulation output
– high-performance H/V deflection
– EHT compensation for vertical / East/West
– soft start/stop of H-Drive
– vertical angle and bow
– differential vertical output
– vertical zoom via deflection
– horizontal and vertical protection circuit
– adjustable horizontal frequency for VGA/SVGA dis-
play
Miscellaneous
– selectable 4:1:1/4:2:2 YCrCb input
– selectable 27 /32-MHz line-locked clock input
– crystal oscillator for horizontal protection
– automatic picture tube adjustment (cutoff, white-
drive)
– single 5-V power supply
– hardware for simple 50/60-Hz to 100/120-Hz con-
version (display frequency doubling)
–two I2C-controlled PWM outputs
– beam current limiter
Fig. 1–1: Block diagram of the DDP 3310B
Y Features
C Features
Digital
RGB
Matrix
DACs
Display
Frequency
Doubling
Hori-
zontal
Scaler
I2C
Inter-
face
3 x DAC
(10 Bit)
Tube Control
Analog
RGB
Switch
Picture
Frame
Generator
Measure-
ment
ADC
RGB
Out
2xRGB/FB
In
SDA/SCL
Sense
Input
HDrive
V & E/W
YCrCb
4:2:2/4:1:1
2H / 2V
FIFO
Controlling
Clock
Gen.
Line-locked
Clock
27/32 MHz
(1H/1V)
PWM
PWM
1&2
SVM
Scan
Velocity
Modulation
H / V
Deflection
Security
Unit
HFlyback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com