Electronic Components Datasheet Search
  English  ▼

X  

DDP3310B Datasheet(PDF) 56 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 56 Page - Micronas

Back Button DDP3310B Datasheet HTML 52Page - Micronas DDP3310B Datasheet HTML 53Page - Micronas DDP3310B Datasheet HTML 54Page - Micronas DDP3310B Datasheet HTML 55Page - Micronas DDP3310B Datasheet HTML 56Page - Micronas DDP3310B Datasheet HTML 57Page - Micronas DDP3310B Datasheet HTML 58Page - Micronas DDP3310B Datasheet HTML 59Page - Micronas DDP3310B Datasheet HTML 60Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
DDP 3310B
ADVANCE INFORMATION
56
Micronas
4.6.4.18. Scan Velocity Modulation Output
4.6.4.19. DAC Reference, Beam Current Safety
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
Resolution
SVMOUT
−
8
−
bit
IOUT
Full-Scale Output Current
1.55
1.875
2.25
mA
IOUT
Differential Non-Linearity
−−
0.5
LSB
IOUT
Integral Non-Linearity
−−
1LSB
IOUT
Glitch Pulse Charge
−
0.5
−
pAs
Ramp, output line is
terminated on both ends
with 50
Ω
IOUT
Rise and Fall Time
−
3
−
ns
10 % to 90 %, 90 % to
10 %
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VDACREF
DAC-Ref. Voltage
VRD/BCS
2.38
2.50
2.67
V
DAC-Ref. Output
resistance
VRD/BCS
18
2532k
Ω
VXREF
DAC-Ref. Voltage
Bias Current Generation
XREF
2.25
2.34
2.43
V
Rxref = 10 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com