Electronic Components Datasheet Search
  English  ▼

X  

DDP3310B Datasheet(PDF) 51 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 51 Page - Micronas

Back Button DDP3310B Datasheet HTML 47Page - Micronas DDP3310B Datasheet HTML 48Page - Micronas DDP3310B Datasheet HTML 49Page - Micronas DDP3310B Datasheet HTML 50Page - Micronas DDP3310B Datasheet HTML 51Page - Micronas DDP3310B Datasheet HTML 52Page - Micronas DDP3310B Datasheet HTML 53Page - Micronas DDP3310B Datasheet HTML 54Page - Micronas DDP3310B Datasheet HTML 55Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
ADVANCE INFORMATION
DDP 3310B
Micronas
51
4.6.4.13. Horizontal Safety Input (see Section 2.3.9.)
4.6.4.14. Vertical and East
/West D/A Converter Output
4.6.4.15. Sense A/D Converter Input
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VIA
Input Threshold A
SAFETY
2.5
2.2
1.9
V
VIB
Input Threshold B
3.8
3.5
3.2
V
VIHST
Input Hysteresis A and B
0.1
−−
V
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
Resolution
EW
VERT+
VERT
−
−
15
−
bit
VOMIN
Minimum Output Voltage
−
0
−
VRload = 6.8 kΩ
Rxref = 10 kΩ
VOMAX
Maximum Output Voltage
2.82
3
3.2
V
Rload = 6.8 kΩ
Rxref = 10 kΩ
IDACN
Full scale DAC Output
Current
415
440
465
µAR
xref = 10 kΩ
PSRR
Power Supply Rejection
Ratio
−
20
−
dB
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VI255
Input Voltage for code 255
SENSE
RSW1
1.4
1.54
1.7
V
C0
Digital Output for zero Input
−−
16
LSB
RI
Input Impedance
1
−−
M
Ω
Range Switch Outputs
RON
Output On Resistance
RSW1
RSW2
−−
50
Ω
IOL = 10 mA
IMax
Maximum Current
−−
15
mA
ILEAK
Leakage Current
−−
600
nA
RSW High Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com