Electronic Components Datasheet Search
  English  ▼

X  

DDP3310B Datasheet(PDF) 40 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 40 Page - Micronas

Back Button DDP3310B Datasheet HTML 36Page - Micronas DDP3310B Datasheet HTML 37Page - Micronas DDP3310B Datasheet HTML 38Page - Micronas DDP3310B Datasheet HTML 39Page - Micronas DDP3310B Datasheet HTML 40Page - Micronas DDP3310B Datasheet HTML 41Page - Micronas DDP3310B Datasheet HTML 42Page - Micronas DDP3310B Datasheet HTML 43Page - Micronas DDP3310B Datasheet HTML 44Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
DDP 3310B
ADVANCE INFORMATION
40
Micronas
Pin 63 – Sync Signal Input HS (Fig. 4–3)
This pin gets the horizontal sync information. Either
single or double horizontal frequency or VGA horizon-
tal sync signal.
Pin 64 – Sync Signal Input VS (Fig. 4–3)
This pin gets the vertical sync information. Either sin-
gle or double vertical frequency or VGA vertical sync
signal.
Pin 65, 66 – Crystal Output / Input XTAL2 / XTAL1
(Fig. 4–19)
These pins are connected to an 5-MHz crystal oscilla-
tor. The security unit for the HOUT signal uses this
clock signal as reference.
Pin 67 – I2C Data Input/Output SDA (Fig. 4–20)
Via this pin the I2C-bus data are written to or read from
the DDP 3310B.
Pin 68 – I2C Clock Input SCL (Fig. 4–20)
Via this pin, the clock signal for the I2C-bus will be sup-
plied. The signal can be pulled down by an internal
transistor.
* Application Note:
All ground pins should be connected separately with
short and low-resistive lines to a central power supply
ground. Accordingly, all supply pins should be con-
nected separately with short and low-resistive lines to
the power supply. Decoupling capacitors from VSUPP
to GNDP, VSUPD to GNDD, and VSUPO to GNDO are
recommended to be placed as closely as possible to
the pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com