Electronic Components Datasheet Search
  English  ▼

X  

DDP3310B Datasheet(PDF) 24 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 24 Page - Micronas

Back Button DDP3310B Datasheet HTML 20Page - Micronas DDP3310B Datasheet HTML 21Page - Micronas DDP3310B Datasheet HTML 22Page - Micronas DDP3310B Datasheet HTML 23Page - Micronas DDP3310B Datasheet HTML 24Page - Micronas DDP3310B Datasheet HTML 25Page - Micronas DDP3310B Datasheet HTML 26Page - Micronas DDP3310B Datasheet HTML 27Page - Micronas DDP3310B Datasheet HTML 28Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
DDP 3310B
ADVANCE INFORMATION
24
Micronas
Table 3–3: Control Registers of the XDFP
XDFP Control and Status Registers
Subaddr.
Mode
Function
Default
Name
INPUT FORMATTER
h’1B0
16-r/w
Input format
bit [0]
0/1
4:2:2 / 4:1:1 mode
bit [1]
0/1
binary offset / 2‘s complement
bit [2]
0/1
enable / disable blanking to black ( for luma
and chroma input when HS = 0 )
bit [4:3]
0...3
select color multiplex
1
1
1
0
INFMT
M411
COB
BLNK
CMUX
SCALER CONTROL REGISTER
h’1C1
16-r/w
scaler mode register
bit[1:0]
scaler mode
0
linear scaling mode
1
non-linear scaling mode, ’panorama’
2
non-linear scaling mode, ’waterglass’
3reserved
bit[2]
reserved, set to 0
bit[13:3]
reserved, set to 0
bit[14]
0
scaler update command, set to 1 to update
only scaler mode register
bit[15]
0
scaler update command, set to 1 to update
all scaler control registers
0
0
0
SCMODE
PANO
SCMODUP
SCUPDATE
h’1C2
16-r/w
active video length for 1-h FIFO
bit[11:0]
0...1295
length in pixels
720
LLC mode (864/h)
720
FFLIM
h’1C3
16-r/w
scaler1 coefficient; this scaler compresses the signal.
bit[11:0]
1024..4095 compression by a factor c,
the value c*1024 is required
1024
SCINC1
h’1C4
16-r/w
scaler2 coefficient; this scaler expands the signal.
bit[11:0]
256..1024 expansion by a factor c,
the value 1/c*1024 is required
682
SCINC2
h’1C5
16-r/w
bit[11:0]
0...4095
scaler1/2 non-linear scaling coefficient
0
SCINC
h’1C6
...
h’1CA
16-r/w
scaler1 window controls (see Table 3–4)
bit[11:0]
0...4095
5 registers for control of the non-linear
scaling
0
...
0
SCW1_1
...
SCW1_5
h’1CB
...
h’1CF
16-r/w
scaler2 window controls (see Table 3–4)
bit[11:0]
0...4095
5 registers for control of the non-linear
scaling
0
...
0
SCW2_1
...
SCW2_5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com