Electronic Components Datasheet Search
  English  ▼

X  

DDP3310B Datasheet(PDF) 5 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 5 Page - Micronas

  DDP3310B Datasheet HTML 1Page - Micronas DDP3310B Datasheet HTML 2Page - Micronas DDP3310B Datasheet HTML 3Page - Micronas DDP3310B Datasheet HTML 4Page - Micronas DDP3310B Datasheet HTML 5Page - Micronas DDP3310B Datasheet HTML 6Page - Micronas DDP3310B Datasheet HTML 7Page - Micronas DDP3310B Datasheet HTML 8Page - Micronas DDP3310B Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
ADVANCE INFORMATION
DDP 3310B
Micronas
5
1.2. System Architecture
The DDP 3310B is a mixed-signal IC containing the
entire digital video component processing such as
chroma transient improvement (CTI), adaptive luma
peaking, and a non-linear ‘Panorama’ aspect ratio con-
version. All deflection related signals can be adapted
to different scan rates. The analog section contains all
analog interface components and an ADC, to compen-
sate long term changes of the picture tube parameters
and extreme high-tension effects. Fig. 1–1 shows the
block diagram of the single-chip Display and Deflection
Processor.
1.3. System Application
Fig. 1–2 depicts several DDP applications. Since the
DDP functions as a video back-end, it must be comple-
mented with additional functionality to form a complete
TV set.
The VPC 32xx family processes all worldwide analog
video signals (including the European PALplus) and
allows non-linear Panorama aspect ratio conversion.
Thus, 4:3 and 16:9 systems can easily be configured
by software. The aspect ratio scaling is also used as a
sample rate converter to provide a line-locked digital
component output bus (YCrCb) compliant to ITU-R-601.
All video processing and line-locked clock/data gener-
ation is derived from a single 20.25-MHz crystal. An
optional adaptive 2H/4H comb filter (VPC 32xx) per-
forms Y/C separation for PAL and NTSC and all of their
substandards.
The VPC 32xxD and the CIP 3250A provide a high-
quality analog RGB interface with character insertion
capability. This allows appropriate processing of exter-
nal sources such as MPEG 2 set-top boxes in trans-
parent (4:2:2) quality. Furthermore, it translates RGB/
Fast-Blank signals to the common digital video bus
and makes those signals available for 100-Hz process-
ing. In some European countries (Italy), this feature is
mandatory.
The IP indicates memory-based image processing,
such as scan rate conversion, vertical processing
(Zoom), or PAL+ reconstruction.
Examples:
– Europe: 15 kHz/ 50 Hz
→ 32 kHz/100 Hz interlaced
– US: 15 kHz/60 Hz
→ 31 kHz/120 Hz non-interlaced
Note: The DDP 3310B and the VPC 32xx families
support memory-based applications through line-
locked clocks, syncs, and data. The CIP 3250A may
run either with the native DIGIT3000 clock but also
with a line-locked clock system.
Fig. 1–2: DDP 3310B applications
IP
VPC
32xx
PAL+
100 Hz
✔
CVBS
RGB
DDP
3310B
CIP
3250A
RGB
H/V
Defl.
✔✔✔✔
FIFO
VPC
32xx
CVBS
DDP
3310B
RGB
H/V
Defl.
✔✔
✔
VPC 32xxD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com