Electronic Components Datasheet Search
  English  ▼

X  

DDP3310B Datasheet(PDF) 29 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 29 Page - Micronas

Back Button DDP3310B Datasheet HTML 25Page - Micronas DDP3310B Datasheet HTML 26Page - Micronas DDP3310B Datasheet HTML 27Page - Micronas DDP3310B Datasheet HTML 28Page - Micronas DDP3310B Datasheet HTML 29Page - Micronas DDP3310B Datasheet HTML 30Page - Micronas DDP3310B Datasheet HTML 31Page - Micronas DDP3310B Datasheet HTML 32Page - Micronas DDP3310B Datasheet HTML 33Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
ADVANCE INFORMATION
DDP 3310B
Micronas
29
CUTOFF and DRIVE
h’169
16-r/w
bit[12:4]
0...511
reference for cutoff Red
511
CUT_R
h’16A
16-r/w
bit[12:4]
0...511
reference for cutoff Green
511
CUT_G
h’16B
16-r/w
bit[12:4]
0...511
reference for cutoff Blue
511
CUT_B
h’D3
16-r
bit[11:4]
0...255
measured cutoff Red
0
CUTOFF_R
h’D4
16-r
bit[11:4]
0...255
measured cutoff Green
0
CUTOFF_G
h’D5
16-r
bit[11:4]
0...255
measured cutoff Blue
0
CUTOFF_B
h’16C
16-r/w
bit[14:6]
0...511
gain for cutoff control loop;
0
the reference values are taken directly as
cutoff values
0
CUT_GAIN
h’16D
16-r/w
bit[12:4]
0...511
reference for White Drive Red
511
WDR_R
h’16E
16-r/w
bit[12:4]
0...511
reference for White Drive Green
511
WDR_G
h’16F
16-r/w
bit[12:4]
0...511
reference for White Drive Blue
511
WDR_B
h’D0
16-r
bit[11:4]
0...255
measured White Drive Red
0
WDRIVE_R
h’D1
16-r
bit[11:4]
0...255
measured White Drive Green
0
WDRIVE_G
h’D2
16-r
bit[11:4]
0...255
measured White Drive Blue
0
WDRIVE_B
h’170
16-r/w
bit[14:6]
0...511
gain for White Drive control loop;
0
the reference values are taken directly as
white drive values
0
WDR_GAIN
h’172
16-r/w
bit[14:6]
475 ...511 threshold for automatic drive saturation
avoidance
491
MAX_WDR
h’1E9
16-r/w
bit[0]
0/1
disable/enable automatic drive saturation
avoidance
0
WDR_SAT
Table 3–3: Control Registers of the XDFP, continued
XDFP Control and Status Registers
Subaddr.
Mode
Function
Default
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com