Electronic Components Datasheet Search
  English  ▼

X  

DDP3310B Datasheet(PDF) 27 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 27 Page - Micronas

Back Button DDP3310B Datasheet HTML 23Page - Micronas DDP3310B Datasheet HTML 24Page - Micronas DDP3310B Datasheet HTML 25Page - Micronas DDP3310B Datasheet HTML 26Page - Micronas DDP3310B Datasheet HTML 27Page - Micronas DDP3310B Datasheet HTML 28Page - Micronas DDP3310B Datasheet HTML 29Page - Micronas DDP3310B Datasheet HTML 30Page - Micronas DDP3310B Datasheet HTML 31Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
ADVANCE INFORMATION
DDP 3310B
Micronas
27
SCAN VELOCITY MODULATION
h’1A7
16-r/w
video mode coefficients
bit [5:0]
0...63
gain
bit [8:6]
0...6
differentiator delay (0= filter off)
60
1
SVM1
SVG
SVD
h’19F
16-r/w
limiter
bit [7:0]
0...255
limit value
bit [8:5]
0
not used, set to”0”
100
0
SVLIM
h’19B
16-r/w
delay and coring
bit [3:0]
0...15
delay of SVMOUT in steps of 12.5 ns
(7 = SVMOUT vs. RGBOUT is 60ns)
bit [7:4]
0...15
coring value
bit [8]
0
not used, set to”0”
7
0
SVM2
SVDEL
SVCOR
TUBE MEASUREMENT
h’19C
16-r/w
tube measurement line
bit [8:0]
0..511
start line for tube measurement (+2 lines)
10
TML
h’15F
16-r/w
bit[10:0]
0... 1295
Latch timing of madc data in pixels before
the begin of horiz. blanking HBST
128
MADCLAT
h’186
16-r/w
white drive measurement control
bit [8:0]
0..511
RGB amplitude for white-drive beam cur-
rent measurement
384
WDRM
h’168
16-r/w
bit[14:6]
0..511
Amplitude for cutoff measurement.
It can be set to measure at higher cutoff
current.
256
IBRM
h’171
16-r/w
measurement control word
bit [8]
0/1
enable/disable ultra black blanking
bit [9]
0/1
0: all outputs blanked (video mute)
1: normal mode
bit [10]
0/1
78/156 kHz bandwidth for cutoff and drive
measurement
bit [11]
0/1
enable/disable white drive measurement
bit [12]
0/1
enable/disable cutoff measurement
bit [13]
0/1
disable/enable horizontal blanking during
measurement
bit [14]
0/1
disable/enable RSW1 Pin as input for beam
current measurement
0
0
0
0
0
0
0
MCTRL
ULBLK_DIS
BLANK_DIS
BW_SEL
WDR_DIS
CUT_DIS
MBLANK
SMODE
Table 3–3: Control Registers of the XDFP, continued
XDFP Control and Status Registers
Subaddr.
Mode
Function
Default
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com