Electronic Components Datasheet Search
  English  ▼

X  

DDP3310B Datasheet(PDF) 19 Page - Micronas

Part # DDP3310B
Description  Display and Deflection Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

DDP3310B Datasheet(HTML) 19 Page - Micronas

Back Button DDP3310B Datasheet HTML 15Page - Micronas DDP3310B Datasheet HTML 16Page - Micronas DDP3310B Datasheet HTML 17Page - Micronas DDP3310B Datasheet HTML 18Page - Micronas DDP3310B Datasheet HTML 19Page - Micronas DDP3310B Datasheet HTML 20Page - Micronas DDP3310B Datasheet HTML 21Page - Micronas DDP3310B Datasheet HTML 22Page - Micronas DDP3310B Datasheet HTML 23Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
ADVANCE INFORMATION
DDP 3310B
Micronas
19
2.3.7. Vertical Zoom
With vertical zoom, the DDP 3310B is able to display
different aspect ratios of the source signal on tubes
with 4:3 or 16:9 aspect ratio by adapting the corre-
sponding raster.
Fig. 2–16: Vertical zoom
2.3.8. EHT Compensation
The vertical deflection waveform can be scaled
according to the average beam current. This is used to
compensate
the
effects
of
electric
high-tension
changes due to beam current variations. EHT compen-
sation for East/West deflection is done with an offset
corresponding to the average beam current. The time
constant of this process is freely programmable with a
resolution of 18 bit. Both corrections can be enabled
separately. The maximum scaling coefficient for verti-
cal deflection is 1
±x and the maximum offset for East/
West is y, where x, y are adjustable from 0 to 0.25. The
horizontal phase at the output HOUT can be influ-
enced according to the average beam current in a
range of
±1.5 µs.
2.3.9. Protection Circuitry
Picture tube and drive stage protection is provided
through the following measurements:
– Vertical protection input: this pin watches the verti-
cal sawtooth signal. In every field the sawtooth must
descend below the lower threshold A and ascend
above the upper threshold B. In this case the protec-
tion flag is set (sawtooth o.k.). If an error occurs the
protection flag is cleared.
After approx. 10 fields with cleared flag, the RGB
drive signals are blanked. The blanking is cancelled
if the flag is set for 40 fields (see Fig. 2–17).
– Drive shutoff during flyback: this feature can be
selected by software (EFLB)
– Safety input pin: This pin has two thresholds. The
applied signal has to meet the following conditions:
1. threshold B must not be overshot
2. threshold A has to be exceeded permanently or
at least once per line
otherwise the RGB signals are blanked . Both
thresholds have a small hysteresis.
Fig. 2–17: Protection timing
Stop
Start
Vertical
Sawtooth
East/West
Parabola
Zoom
Normal
Vert. Protection Flag
Accu
Blanking
1
−1
~10 fields
~40 fields
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com