Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 177 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 177 Page - Texas Instruments

Back Button DM505 Datasheet HTML 173Page - Texas Instruments DM505 Datasheet HTML 174Page - Texas Instruments DM505 Datasheet HTML 175Page - Texas Instruments DM505 Datasheet HTML 176Page - Texas Instruments DM505 Datasheet HTML 177Page - Texas Instruments DM505 Datasheet HTML 178Page - Texas Instruments DM505 Datasheet HTML 179Page - Texas Instruments DM505 Datasheet HTML 180Page - Texas Instruments DM505 Datasheet HTML 181Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 286 page
background image
177
DM505
www.ti.com
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Detailed Description
Copyright © 2016–2017, Texas Instruments Incorporated
•
A TMS320C66x™ CorePac DSP core that encompasses:
–
L1 program-dedicated (L1P) cacheable memory
–
L1 data-dedicated (L1D) cacheable memory
–
L2 (program and data) cacheable memory
–
Extended Memory Controller (XMC)
–
External Memory Controller (EMC)
–
DSP CorePac located interrupt controller (INTC)
–
DSP CorePac located power-down controller (PDC)
•
Dedicated enhanced data memory access engine - EDMA, to transfer data from/to memories and
peripherals external to the DSP subsystem and to local DSP memory (most commonly L2 SRAM). The
external DMA requests are passed through DSP system level (SYS) wakeup logic, and collected from
the DSP1/DSP2 dedicated outputs of the device DMA Events Crossbar for each of the two
subsystems.
•
A level 2 (L2) interconnect network (DSP NoC) to allow connectivity between different modules of the
subsystem or the remainder of the device via the device L3_MAIN interconnect.
•
Two memory management units (on EDMA L2 interconnect and DSP MDMA paths) for accessing the
device L3_MAIN interconnect address space.
•
Dedicated system control logic (DSP_SYSTEM) responsible for power management, clock generation,
and connection to the device power, reset, and clock management (PRCM) module
The TMS320C66x Instruction Set Architecture (ISA) is the latest for the C6000 family. As with its
predecessors (C64x, C64x+ and C674x), the C66x is an advanced VLIW architecture with 8 functional
units (two multiplier units and six arithmetic logic units) that operate in parallel. The C66x CPU has a total
of 64 general-purpose 32-bit registers.
Some features of the DSP C6000 family devices are:
•
Advanced VLIW CPU with eight functional units (two multipliers and six ALUs) which:
–
Executes up to eight instructions per cycle for up to ten times the performance of typical DSPs
–
Allows designers to develop highly effective RISC-like code for fast development time
•
Instruction packing:
–
Gives code size equivalence for eight instructions executed serially or in parallel
–
Reduces code size, program fetches, and power consumption
•
Conditional execution of most instructions:
–
Reduces costly branching
–
Increases parallelism for higher sustained performance
•
Efficient code execution on independent functional units:
–
Industry's most efficient C compiler on DSP benchmark suite
–
Industry's first assembly optimizer for fast development and improved parallelization
•
8-/16-/32-bit/64-bit data support, providing efficient memory support for a variety of applications.
•
40-bit arithmetic options which add extra precision for vocoders and other computationally intensive
applications.
•
Saturation and normalization to provide support for key arithmetic operations.
•
Field manipulation and instruction extract, set, clear, and bit counting support common operation found
in control and data manipulation applications.
The C66x CPU has the following additional features:
•
Each multiplier can perform two 16 × 16-bit or four 8 × 8 bit multiplies every clock cycle.
•
Quad 8-bit and dual 16-bit instruction set extensions with data flow support.
•
Support for non-aligned 32-bit (word) and 64-bit (double word) memory accesses.
•
Special communication-specific instructions have been added to address common operations in error-
correcting codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com