Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 173 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 173 Page - Texas Instruments

Back Button DM505 Datasheet HTML 169Page - Texas Instruments DM505 Datasheet HTML 170Page - Texas Instruments DM505 Datasheet HTML 171Page - Texas Instruments DM505 Datasheet HTML 172Page - Texas Instruments DM505 Datasheet HTML 173Page - Texas Instruments DM505 Datasheet HTML 174Page - Texas Instruments DM505 Datasheet HTML 175Page - Texas Instruments DM505 Datasheet HTML 176Page - Texas Instruments DM505 Datasheet HTML 177Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 286 page
background image
jtag_tck
jtag_tms_tmsc(IN)
jtag_tms_tmsc(OUT)
CJ2
CJ9a
CJ9b
CJ1
CJ1b
CJ1a
SPRS91v_JTAG_03
CJ10a
CJ10b
CJ11
CJ13
173
DM505
www.ti.com
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
5.9.7.2
Compact JTAG Interface (cJTAG)
The cJTAG module is a component which can run a 2-pin communication protocol on top of an IEEE
1149.1 JTAG Test Access Port (TAP). The cJTAG logic serializes the IEEE 1149.1 transactions, using a
variety of compression formats, to reduce the number of pins needed to implement a JTAG debug and
boundary scan port.
Table 5-82, Table 5-83 and Figure 5-59 assume testing over the recommended operating conditions and
electrical characteristic conditions below.
Table 5-82. Timing Requirements for IEEE 1149.7 cJTAG
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
CJ1
tc(TCK)
Cycle time, TCK
62.29
ns
CJ1a
tw(TCKH)
Pulse duration, TCK high (40% of tc)
24.92
ns
CJ1b
tw(TCKL)
Pulse duration, TCK low(40% of tc)
24.92
ns
CJ9a
tsu(TMSC-TCKre)
Input setup time, TMSC valid to TCK high (RE timing selected)
12.46
ns
CJ10a
tsu(TMSC-TCKfe)
Input setup time, TMSC valid to TCK low (FE timing selected)
12.46
ns
CJ9b
th(TCKre-TMSC)
Input hold time, TMSC valid from TCK high (RE timing selected)
0.00
ns
CJ10b
th(TCKfe-TMSC)
Input hold time, TMSC valid from TCK low (FE timing selected)
0.00
ns
Table 5-83. Switching Characteristics Over Recommended Operating Conditions for IEEE 1149.7 cJTAG
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
CJ11
td(TCKL-TMSCV)
Delay time, TCK low to TMSC valid
0
12.45
ns
CJ13
td(TCKH-TMSCZ)
Delay time, TCK high to TMSC HiZ
0
20.7
ns
CJ12
td(TMSCV-KPRV)
Delay time, TMSC valid to Keeper Valid
0
18
ns
CJ2
td(TCKL-TDOV)
Delay time, TCK low to TDO valid
0
29.14
ns
Figure 5-59. cJTAG Interface Timing—Normal Mode
5.9.7.3
Trace Port Interface Unit (TPIU)
5.9.7.3.1 TPIU PLL DDR Mode
Table 5-84 and Figure 5-60 assume testing over the recommended operating conditions and electrical
characteristic conditions below.
Table 5-84. Switching Characteristics for TPIU
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
TPIU1
tc(clk)
Cycle time, TRACECLK period
5.56
ns
TPIU4
td(clk-ctlV)
Skew time, TRACECLK transition to TRACECTL transition
-1.61
1.98
ns
TPIU5
td(clk-dataV)
Skew time, TRACECLK transition to TRACEDATA[17:0] transition
-1.61
1.98
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com