Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 172 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 172 Page - Texas Instruments

Back Button DM505 Datasheet HTML 168Page - Texas Instruments DM505 Datasheet HTML 169Page - Texas Instruments DM505 Datasheet HTML 170Page - Texas Instruments DM505 Datasheet HTML 171Page - Texas Instruments DM505 Datasheet HTML 172Page - Texas Instruments DM505 Datasheet HTML 173Page - Texas Instruments DM505 Datasheet HTML 174Page - Texas Instruments DM505 Datasheet HTML 175Page - Texas Instruments DM505 Datasheet HTML 176Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 286 page
background image
5
6
8
7
TCK
RTCK
SPRS91v_JTAG_02
3
TCK
TDO
TDI/TMS
2
4
1
1a
1b
SPRS91v_JTAG_01
172
DM505
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 5-57. JTAG Timing
Table 5-80, Table 5-81 and Figure 5-58 assume testing over the recommended operating conditions and
electrical characteristic conditions below.
Table 5-80. Timing Requirements for IEEE 1149.1 JTAG With RTCK
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
1
tc(TCK)
Cycle time, TCK
62.29
ns
1a
tw(TCKH)
Pulse duration, TCK high (40% of tc)
24.92
ns
1b
tw(TCKL)
Pulse duration, TCK low(40% of tc)
24.92
ns
3
tsu(TDI-TCK)
Input setup time, TDI valid to TCK high
6.23
ns
tsu(TMS-TCK)
Input setup time, TMS valid to TCK high
6.23
ns
4
th(TCK-TDI)
Input hold time, TDI valid from TCK high
31.15
ns
th(TCK-TMS)
Input hold time, TMS valid from TCK high
31.15
ns
Table 5-81. Switching Characteristics Over Recommended Operating Conditions for
IEEE 1149.1 JTAG With RTCK
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
5
td(TCK-RTCK)
Delay time, TCK to RTCK with no selected subpaths (i.e. ICEPick is
the only tap selected - when the ARM is in the scan chain, the delay
time is a function of the ARM functional clock).
0
27
ns
6
tc(RTCK)
Cycle time, RTCK
62.29
ns
7
tw(RTCKH)
Pulse duration, RTCK high (40% of tc)
24.92
ns
8
tw(RTCKL)
Pulse duration, RTCK low (40% of tc)
24.92
ns
Figure 5-58. JTAG With RTCK Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com