Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 117 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 117 Page - Texas Instruments

Back Button DM505 Datasheet HTML 113Page - Texas Instruments DM505 Datasheet HTML 114Page - Texas Instruments DM505 Datasheet HTML 115Page - Texas Instruments DM505 Datasheet HTML 116Page - Texas Instruments DM505 Datasheet HTML 117Page - Texas Instruments DM505 Datasheet HTML 118Page - Texas Instruments DM505 Datasheet HTML 119Page - Texas Instruments DM505 Datasheet HTML 120Page - Texas Instruments DM505 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 286 page
background image
117
DM505
www.ti.com
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
5.9.6.6.1 GPMC/NOR Flash Interface Synchronous Timing
Table 5-33 and Table 5-34, Table 5-35 and Table 5-36 assume testing over the recommended operating
conditions and electrical characteristic conditions below (see Figure 5-16, Figure 5-17, Figure 5-18,
Figure 5-19, Figure 5-20 and Figure 5-21).
Table 5-33. GPMC/NOR Flash Interface Timing Requirements - Synchronous Mode - 1 Load
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
F12
tsu(dV-clkH)
Setup time, read gpmc_ad[15:0] valid before gpmc_clk high
1.9
ns
F13
th(clkH-dV)
Hold time, read gpmc_ad[15:0] valid after gpmc_clk high
1
ns
F21
tsu(waitV-clkH)
Setup time, gpmc_wait[1:0] valid before gpmc_clk high
1.9
ns
F22
th(clkH-waitV)
Hold Time, gpmc_wait[1:0] valid after gpmc_clk high
1
ns
NOTE
Wait monitoring support is limited to a WaitMonitoringTime value > 0. For a full description of
wait monitoring feature, see the Device TRM.
Table 5-34. GPMC/NOR Flash Interface Switching Characteristics - Synchronous Mode - 1 Load
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
F0
tc(clk)
Cycle time, output clock gpmc_clk period (12)
11.3
ns
F2
td(clkH-nCSV)
Delay time, gpmc_clk rising edge to gpmc_cs[7:0] transition (14)
F-0.8
F+3.1
ns
F3
td(clkH-nCSIV)
Delay time, gpmc_clk rising edge to gpmc_cs[7:0] invalid (14)
E-0.8
E+3.1
ns
F4
td(ADDV-clk)
Delay time, gpmc_a[27:0] address bus valid to gpmc_clk first edge
B-0.8
B+3.1
ns
F5
td(clkH-ADDIV)
Delay time, gpmc_clk rising edge to gpmc_a[27:0] gpmc address bus
invalid
-0.8
ns
F6
td(nBEV-clk)
Delay time, gpmc_ben[1:0] valid to gpmc_clk rising edge
B-3.8
B+1.1
ns
F7
td(clkH-nBEIV)
Delay time, gpmc_clk rising edge to gpmc_ben[1:0] invalid
D-0.4
D+1.1
ns
F8
td(clkH-nADV)
Delay time, gpmc_clk rising edge to gpmc_advn_ale transition (14)
G-0.8
G+3.1
ns
F9
td(clkH-nADVIV)
Delay time, gpmc_clk rising edge to gpmc_advn_ale invalid (14)
D-0.8
D+3.1
ns
F10
td(clkH-nOE)
Delay time, gpmc_clk rising edge to gpmc_oen_ren transition (14)
H-0.8
H+2.1
ns
F11
td(clkH-nOEIV)
Delay time, gpmc_clk rising edge to gpmc_oen_ren invalid (14)
E-0.8
E+2.1
ns
F14
td(clkH-nWE)
Delay time, gpmc_clk rising edge to gpmc_wen transition (14)
I-0.8
I+3.1
ns
F15
td(clkH-Data)
Delay time, gpmc_clk rising edge to gpmc_ad[15:0] data bus
transition
J-1.1
J+3.92
ns
F17
td(clkH-nBE)
Delay time, gpmc_clk rising edge to gpmc_ben[1:0] transition
J-1.1
J+3.8
ns
F18
tw(nCSV)
Pulse duration, gpmc_cs[7:0] low
A
ns
F19
tw(nBEV)
Pulse duration, gpmc_ben[1:0] low
C
ns
F20
tw(nADVV)
Pulse duration, gpmc_advn_ale low
K
ns
F23
td(CLK-GPIO)
Delay time, gpmc_clk transition to gpio6_16.clkout0 transition (13)
1.2
6.1
ns
Table 5-35. GPMC/NOR Flash Interface Timing Requirements - Synchronous Mode - 5 Loads
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
F12
tsu(dV-clkH)
Setup time, read gpmc_ad[15:0] valid before gpmc_clk high
2.5
ns
F13
th(clkH-dV)
Hold time, read gpmc_ad[15:0] valid after gpmc_clk high
1.9
ns
F21
tsu(waitV-clkH)
Setup time, gpmc_wait[1:0] valid before gpmc_clk high
2.5
ns
F22
th(clkH-waitV)
Hold Time, gpmc_wait[1:0] valid after gpmc_clk high
1.9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com