Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 118 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 118 Page - Texas Instruments

Back Button DM505 Datasheet HTML 114Page - Texas Instruments DM505 Datasheet HTML 115Page - Texas Instruments DM505 Datasheet HTML 116Page - Texas Instruments DM505 Datasheet HTML 117Page - Texas Instruments DM505 Datasheet HTML 118Page - Texas Instruments DM505 Datasheet HTML 119Page - Texas Instruments DM505 Datasheet HTML 120Page - Texas Instruments DM505 Datasheet HTML 121Page - Texas Instruments DM505 Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 286 page
background image
118
DM505
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-36. GPMC/NOR Flash Interface Switching Characteristics - Synchronous Mode - 5 Loads
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
F0
tc(clk)
Cycle time, output clock gpmc_clk period (12)
15.04
ns
F2
td(clkH-nCSV)
Delay time, gpmc_clk rising edge to gpmc_cs[7:0] transition (14)
F+0.7 (6)
F+6.1 (6)
ns
F3
td(clkH-nCSIV)
Delay time, gpmc_clk rising edge to gpmc_cs[7:0] invalid (14)
E+0.7 (5)
E+6.1 (5)
ns
F4
td(ADDV-clk)
Delay time, gpmc_a[27:0] address bus valid to gpmc_clk first edge
B+0.7 (2)
B+6.1 (2)
ns
F5
td(clkH-ADDIV)
Delay time, gpmc_clk rising edge to gpmc_a[27:0] gpmc address bus
invalid
0.7
ns
F6
td(nBEV-clk)
Delay time, gpmc_ben[1:0] valid to gpmc_clk rising edge
B-4.9
B+0.4
ns
F7
td(clkH-nBEIV)
Delay time, gpmc_clk rising edge to gpmc_ben[1:0] invalid
D-0.4
D+4.9
ns
F8
td(clkH-nADV)
Delay time, gpmc_clk rising edge to gpmc_advn_ale transition (14)
G+0.7 (7) G+6.1 (7)
ns
F9
td(clkH-nADVIV)
Delay time, gpmc_clk rising edge to gpmc_advn_ale invalid (14)
D+0.7 (4) D+6.1 (4)
ns
F10
td(clkH-nOE)
Delay time, gpmc_clk rising edge to gpmc_oen_ren transition (14)
H+0.7 (8) H+5.1 (8)
ns
F11
td(clkH-nOEIV)
Delay time, gpmc_clk rising edge to gpmc_oen_ren invalid (14)
E+0.7 (5)
E+5.1 (5)
ns
F14
td(clkH-nWE)
Delay time, gpmc_clk rising edge to gpmc_wen transition (14)
I+0.7 (9)
I+6.1 (9)
ns
F15
td(clkH-Data)
Delay time, gpmc_clk rising edge to gpmc_ad[15:0] data bus
transition
J-0.4 (10)
J+4.9
(10)
ns
F17
td(clkH-nBE)
Delay time, gpmc_clk rising edge to gpmc_ben[1:0] transition
J-0.4 (10)
J+4.9
(10)
ns
F18
tw(nCSV)
Pulse duration, gpmc_cs[7:0] low
A (1)
ns
F19
tw(nBEV)
Pulse duration, gpmc_ben[1:0] low
C (3)
ns
F20
tw(nADVV)
Pulse duration, gpmc_advn_ale low
K (11)
ns
F23
td(CLK-GPIO)
Delay time, gpmc_clk transition to gpio6_16.clkout0 transition (13)
1.2
6.1
ns
(1) For single read: A = (CSRdOffTime - CSOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK period
For burst read: A = (CSRdOffTime - CSOnTime + (n - 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK period
For burst write: A = (CSWrOffTime - CSOnTime + (n - 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK period
with n the page burst access number.
(2) B = ClkActivationTime * GPMC_FCLK
(3) For single read: C = RdCycleTime * (TimeParaGranularity + 1) * GPMC_FCLK
For burst read: C = (RdCycleTime + (n – 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For Burst write: C = (WrCycleTime + (n – 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK with n the page burst
access number.
(4) For single read: D = (RdCycleTime – AccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For burst read: D = (RdCycleTime – AccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For burst write: D = (WrCycleTime – AccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
(5) For single read: E = (CSRdOffTime – AccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For burst read: E = (CSRdOffTime – AccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For burst write: E = (CSWrOffTime – AccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
(6) For nCS falling edge (CS activated):
Case GpmcFCLKDivider = 0 :
F = 0.5 * CSExtraDelay * GPMC_FCLK
Case GpmcFCLKDivider = 1:
F = 0.5 * CSExtraDelay * GPMC_FCLK if (ClkActivationTime and CSOnTime are odd) or (ClkActivationTime and CSOnTime are even)
F = (1 + 0.5 * CSExtraDelay) * GPMC_FCLK otherwise
Case GpmcFCLKDivider = 2:
F = 0.5 * CSExtraDelay * GPMC_FCLK if ((CSOnTime – ClkActivationTime) is a multiple of 3)
F = (1 + 0.5 * CSExtraDelay) * GPMC_FCLK if ((CSOnTime – ClkActivationTime – 1) is a multiple of 3)
F = (2 + 0.5 * CSExtraDelay) * GPMC_FCLK if ((CSOnTime – ClkActivationTime – 2) is a multiple of 3)
Case GpmcFCLKDivider = 3:
F = 0.5 * CSExtraDelay * GPMC_FCLK if ((CSOnTime - ClkActivationTime) is a multiple of 4)
F = (1 + 0.5 * CSExtraDelay) * GPMC_FCLK if ((CSOnTime - ClkActivationTime - 1) is a multiple of 4)
F = (2 + 0.5 * CSExtraDelay) * GPMC_FCLK if ((CSOnTime - ClkActivationTime - 2) is a multiple of 4)
F = (3 + 0.5 * CSExtraDelay) * GPMC_FCLK if ((CSOnTime - ClkActivationTime - 3) is a multiple of 4)
(7) For ADV falling edge (ADV activated):
Case GpmcFCLKDivider = 0 :
G = 0.5 * ADVExtraDelay * GPMC_FCLK
Case GpmcFCLKDivider = 1:
G = 0.5 * ADVExtraDelay * GPMC_FCLK if (ClkActivationTime and ADVOnTime are odd) or (ClkActivationTime and ADVOnTime are
even)
G = (1 + 0.5 * ADVExtraDelay) * GPMC_FCLK otherwise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com