Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 146 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 146 Page - Texas Instruments

Back Button DM505 Datasheet HTML 142Page - Texas Instruments DM505 Datasheet HTML 143Page - Texas Instruments DM505 Datasheet HTML 144Page - Texas Instruments DM505 Datasheet HTML 145Page - Texas Instruments DM505 Datasheet HTML 146Page - Texas Instruments DM505 Datasheet HTML 147Page - Texas Instruments DM505 Datasheet HTML 148Page - Texas Instruments DM505 Datasheet HTML 149Page - Texas Instruments DM505 Datasheet HTML 150Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 286 page
background image
spim
_cs(IN)
spi _sclk
m
(IN)
spi _sclk
m
(IN)
spi _
m d
(OUT)
spim
_cs(IN)
spi _sclk
m
(IN)
spi _sclk
m
(IN)
spi _
m d
(OUT)
Bit n-1
Bit n-2
Bit n-3
Bit n-4
Bit 0
Bit n-1
Bit n-2
Bit n-3
Bit 1
Bit 0
PHA=0
EPOL=1
POL=0
POL=1
POL=0
POL=1
PHA=1
EPOL=1
SS6
SS3
SS1
SS3
SS1
SS3
SS1
SS2
SS1
SS6
SS6
SS8
SS9
SS7
SS8
SS2
SS3
SS2
SS2
SS6
SS6
SS6
SS9
SPRS91v_McSPI_03
146
DM505
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-47. Timing Requirements for SPI - Slave Mode(5) (continued)
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
SS8 (1)
tsu(CS-SPICLK)
Setup time, spi_cs[x] valid before spi_sclk first edge
2.82
ns
SS9 (1)
th(SPICLK-CS)
Hold time, spi_cs[x] valid after spi_sclk last edge
2.82
ns
(1) This timing applies to all configurations regardless of SPI_CLK polarity and which clock edges are used to drive output data and capture
input data.
(2) When operating the SPI interface in RX-only mode, the minimum Cycle time is 26ns (38.4MHz)
(3) P = SPICLK period.
(4) PHA = 0; SPI_CLK phase is programmable with the PHA bit of the SPI_CH(i)CONF register.
(5) The IO timings provided in this section are applicable for all combinations of signals for spi1 and spi2. However, the timings are only
valid for spi3 and spi4 if signals within a single IOSET are used. The IOSETs are defined in the following tables.
Figure 5-37. McSPI - Slave Mode Transmit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com