Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 143 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 143 Page - Texas Instruments

Back Button DM505 Datasheet HTML 139Page - Texas Instruments DM505 Datasheet HTML 140Page - Texas Instruments DM505 Datasheet HTML 141Page - Texas Instruments DM505 Datasheet HTML 142Page - Texas Instruments DM505 Datasheet HTML 143Page - Texas Instruments DM505 Datasheet HTML 144Page - Texas Instruments DM505 Datasheet HTML 145Page - Texas Instruments DM505 Datasheet HTML 146Page - Texas Instruments DM505 Datasheet HTML 147Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 286 page
background image
143
DM505
www.ti.com
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-46. Timing Requirements for SPI - Master Mode (continued)
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
SM8
td(CS-SPICLK)
Delay time, spi_cs[x] active to spi_sclk first edge (1)
MASTER
_PHA0
(4)
B-4.2 (5)
ns
MASTER
_PHA1
(4)
A-4.2 (6)
ns
SM9
td(SPICLK-CS)
Delay time, spi_sclk last edge to spi_cs[x] inactive (1)
MASTER
_PHA0
(4)
A-4.2 (6)
ns
MASTER
_PHA1
(4)
B-4.2 (5)
ns
(1) This timing applies to all configurations regardless of SPI_CLK polarity and which clock edges are used to drive output data and capture
input data.
(2) Related to the SPI_CLK maximum frequency.
(3) P = SPICLK period.
(4) SPI_CLK phase is programmable with the PHA bit of the SPI_CH(i)CONF register.
(5) B = (TCS + 0.5) * TSPICLKREF * Fratio, where TCS is a bit field of the SPI_CH(i)CONF register and Fratio = Even
≥2.
(6) When P = 20.8 ns, A = (TCS + 1) * TSPICLKREF, where TCS is a bit field of the SPI_CH(i)CONF register. When P > 20.8 ns, A = (TCS
+ 0.5) * Fratio * TSPICLKREF, where TCS is a bit field of the SPI_CH(i)CONF register.
(7) The IO timings provided in this section are applicable for all combinations of signals for spi1 and spi2. However, the timings are only
valid for spi3 and spi4 if signals within a single IOSET are used. The IOSETs are defined in the following tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com