Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 141 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 141 Page - Texas Instruments

Back Button DM505 Datasheet HTML 137Page - Texas Instruments DM505 Datasheet HTML 138Page - Texas Instruments DM505 Datasheet HTML 139Page - Texas Instruments DM505 Datasheet HTML 140Page - Texas Instruments DM505 Datasheet HTML 141Page - Texas Instruments DM505 Datasheet HTML 142Page - Texas Instruments DM505 Datasheet HTML 143Page - Texas Instruments DM505 Datasheet HTML 144Page - Texas Instruments DM505 Datasheet HTML 145Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 286 page
background image
3
2
Start
Bit
Data Bits
UARTi_TXD
5
Data Bits
Bit
Start
4
UARTi_RXD
SPRS91v_UART_01
141
DM505
www.ti.com
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
(1) U = UART baud time = 1/programmed baud rate
(2) P = Clock period of the reference clock (FCLK, usually 48 MHz or 192MHz).
Table 5-44. Switching Characteristics Over Recommended Operating Conditions for UART
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
f(baud)
Maximum programmable baud rate
15 pF
12
MHz
30 pF
0.23
100 pF
0.115
2
tw(TX)
Pulse width, transmit data bit, 15/30/100 pF high or low
U - 2(1)
U + 2(1)
ns
3
tw(RTS)
Pulse width, transmit start bit, 15/30/100 pF high or low
U - 2(1)
U + 2(1)
ns
(1) U = UART baud time = 1/programmed baud rate
Figure 5-34. UART Timing
CAUTION
The IO timings provided in this section are only valid if signals within a single
IOSET are used. The IOSETs are defined in Table 5-45.
In Table 5-45 are presented the specific groupings of signals (IOSET) for use with UART.
Table 5-45. UART1-3 IOSETs
SIGNALS
IOSET1
IOSET2
IOSET3
BALL
MUX
BALL
MUX
BALL
MUX
UART1
uart1_rxd
F13
0
F13
0
uart1_txd
E14
0
E14
0
uart1_rtsn
C14
0
uart1_ctsn
F14
0
UART2
uart2_rxd
E7
2
D14
0
uart2_txd
F7
2
D15
0
uart2_rtsn
F16
0
uart2_ctsn
F15
0
UART3
uart3_rxd
W7
4
L1
1
M2
1
uart3_txd
W6
4
L2
1
R6
1
uart3_rtsn
R7
1
T5
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com