Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 139 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 139 Page - Texas Instruments

Back Button DM505 Datasheet HTML 135Page - Texas Instruments DM505 Datasheet HTML 136Page - Texas Instruments DM505 Datasheet HTML 137Page - Texas Instruments DM505 Datasheet HTML 138Page - Texas Instruments DM505 Datasheet HTML 139Page - Texas Instruments DM505 Datasheet HTML 140Page - Texas Instruments DM505 Datasheet HTML 141Page - Texas Instruments DM505 Datasheet HTML 142Page - Texas Instruments DM505 Datasheet HTML 143Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 286 page
background image
10
8
4
3
7
12
5
6
14
2
3
13
Stop
Start
Repeated
Start
Stop
I2Ci_SDA
I2Ci_SCL
1
11
9
SPRS91v_I2C_01
139
DM505
www.ti.com
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 5-32. I2C Receive Timing
Table 5-42 and Figure 5-33 assume testing over the recommended operating conditions and electrical
characteristic conditions below.
Table 5-42. Switching Characteristics Over Recommended Operating Conditions for I2C Output Timings(2)
NO.
PARAMETER
DESCRIPTION
STANDARD MODE
FAST MODE
UNIT
MIN
MAX
MIN
MAX
16
tc(SCL)
Cycle time, SCL
10
2.5
µs
17
tsu(SCLH-SDAL)
Setup time, SCL high before SDA low (for a
repeated START condition)
4.7
0.6
µs
18
th(SDAL-SCLL)
Hold time, SCL low after SDA low (for a
START and a repeated START condition)
4
0.6
µs
19
tw(SCLL)
Pulse duration, SCL low
4.7
1.3
µs
20
tw(SCLH)
Pulse duration, SCL high
4
0.6
µs
21
tsu(SDAV-SCLH)
Setup time, SDA valid before SCL high
250
100
ns
22
th(SCLL-SDAV)
Hold time, SDA valid after SCL low (for I2C
bus devices)
0
3.45
0
0.9
µs
23
tw(SDAH)
Pulse duration, SDA high between STOP and
START conditions
4.7
1.3
µs
24
tr(SDA)
Rise time, SDA
1000
20 + 0.1Cb
(1)
300
ns
25
tr(SCL)
Rise time, SCL
1000
20 + 0.1Cb
(1)
300
ns
26
tf(SDA)
Fall time, SDA
300
20 + 0.1Cb
(1)
300
ns
27
tf(SCL)
Fall time, SCL
300
20 + 0.1Cb
(1)
300
ns
28
tsu(SCLH-SDAH)
Setup time, SCL high before SDA high (for
STOP condition)
4
0.6
µs
29
Cp
Capacitance for each I2C pin
10
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com