Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 136 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 136 Page - Texas Instruments

Back Button DM505 Datasheet HTML 132Page - Texas Instruments DM505 Datasheet HTML 133Page - Texas Instruments DM505 Datasheet HTML 134Page - Texas Instruments DM505 Datasheet HTML 135Page - Texas Instruments DM505 Datasheet HTML 136Page - Texas Instruments DM505 Datasheet HTML 137Page - Texas Instruments DM505 Datasheet HTML 138Page - Texas Instruments DM505 Datasheet HTML 139Page - Texas Instruments DM505 Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 286 page
background image
GPMC_FCLK
gpmc_csi
gpmc_ben0
gpmc_
_ale
advn
gpmc_oen_ren
gpmc_wen
gpmc_ad[15:0]
DATA
GNF0
GNF1
GNF4
GNF6
GNF9
GNF3
GPMC_16
GPMC_FCLK
gpmc_csi
gpmc_ben0
gpmc_
_ale
advn
gpmc_oen_ren
gpmc_ad[15:0]
gpmc_waitj
DATA
GNF10
GNF13
GNF14
GNF15
GNF12
GPMC_15
136
DM505
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 5-30. GPMC / NAND Flash - Data Read Cycle Timing(1)(2)(3)
(1) GNF12 parameter illustrates amount of time required to internally sample input Data. It is expressed in number of GPMC functional
clock cycles. From start of read cycle and after GNF12 functional clock cycles, input data will be internally sampled by active functional
clock edge. GNF12 value must be stored inside AccessTime register bits field.
(2) GPMC_FCLK is an internal clock (GPMC functional clock) not provided externally.
(3) In gpmc_csi, i = 0 to 7. In gpmc_waitj, j = 0 to 1.
Figure 5-31. GPMC / NAND Flash - Data Write Cycle Timing(1)
(1) In gpmc_csi, i = 0 to 7.
NOTE
To configure the desired virtual mode the user must set MODESELECT bit and
DELAYMODE bitfield for each corresponding pad control register.
The pad control registers are presented Table 4-28 and described in Device TRM, Control
Module section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com