Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 133 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 133 Page - Texas Instruments

Back Button DM505 Datasheet HTML 129Page - Texas Instruments DM505 Datasheet HTML 130Page - Texas Instruments DM505 Datasheet HTML 131Page - Texas Instruments DM505 Datasheet HTML 132Page - Texas Instruments DM505 Datasheet HTML 133Page - Texas Instruments DM505 Datasheet HTML 134Page - Texas Instruments DM505 Datasheet HTML 135Page - Texas Instruments DM505 Datasheet HTML 136Page - Texas Instruments DM505 Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 286 page
background image
gpmc_fclk
gpmc_clk
gpmc_csi
gpmc_ben0
gpmc_
1
ben
gpmc_
_ale
advn
gpmc_wen
gpmc_ad[15:0]
gpmc_waitj
DIR
Address (MSB)
Valid Address (LSB)
Data OUT
OUT
FA0
FA1
FA9
FA10
FA3
FA25
FA29
FA12
FA27
FA28
FA0
FA10
GPMC_12
gpmc_a27
gpmc_a[10:1]
133
DM505
www.ti.com
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 5-27. GPMC / Multiplexed NOR Flash - Asynchronous Write - Single Word Timing(1)
(1) In “gpmc_csi”, i = 0 to 7. In “gpmc_waitj”, j = 0 to 1.
(2) The "DIR" (direction control) output signal is NOT pinned out on any of the device pads. It is an internal signal only representing a signal
direction on the GPMC data bus.
5.9.6.6.3 GPMC/NAND Flash Interface Asynchronous Timing
Table 5-39 and Table 5-40 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 5-28, Figure 5-29, Figure 5-30 and Figure 5-31).
Table 5-39. GPMC/NAND Flash Interface Timing Requirements(1)
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
GNF12
tacc(DAT)
Data maximum access time (GPMC_FCLK Cycles)
J
cycles
-
tsu(DV-OEH)
Setup time, read gpmc_ad[15:0] valid before gpmc_oen_ren high
1.9
ns
-
th(OEH-DV)
Hold time, read gpmc_ad[15:0] valid after gpmc_oen_ren high
1
ns
(1) J = AccessTime * (TimeParaGranularity + 1)
Table 5-40. GPMC/NAND Flash Interface Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
-
tr(DO)
Rising time, gpmc_ad[15:0] output data
0.447
4.067
ns
-
tf(DO)
Fallling time, gpmc_ad[15:0] output data
0.43
4.463
ns
GNF0
tw(nWEV)
Pulse duration, gpmc_wen valid time
A (1)
ns
GNF1
td(nCSV-nWEV)
Delay time, gpmc_cs[7:0] valid to gpmc_wen valid
B - 0.2 (2)
B + 2.0
(2)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com