Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 130 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 130 Page - Texas Instruments

Back Button DM505 Datasheet HTML 126Page - Texas Instruments DM505 Datasheet HTML 127Page - Texas Instruments DM505 Datasheet HTML 128Page - Texas Instruments DM505 Datasheet HTML 129Page - Texas Instruments DM505 Datasheet HTML 130Page - Texas Instruments DM505 Datasheet HTML 131Page - Texas Instruments DM505 Datasheet HTML 132Page - Texas Instruments DM505 Datasheet HTML 133Page - Texas Instruments DM505 Datasheet HTML 134Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 286 page
background image
GPMC_FCLK
gpmc_clk
gpmc_csi
gpmc_a[
:1]
27
gpmc_ben0
gpmc_be 1
n
gpmc_
_ale
advn
gpmc_oen_ren
gpmc_ d[15:0]
a
gpmc_waitj
DIR
Add0
Add1
Add2
Add3
Add4
D0
D1
D2
D3
D3
OUT
OUT
IN
OUT
FA1
FA0
FA18
FA13
FA12
FA0
FA9
FA10
FA10
FA21
FA20
FA20
FA20
FA14
FA15
SPRS91v_GPMC_09
130
DM505
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 5-24. GPMC / NOR Flash - Asynchronous Read - Page Mode 4x16-bit Timing(1)(2)(3)(4)
(1) In “gpmc_csi”, i = 0 to 7. In “gpmc_waitj”, j = 0 to 1
(2) FA21 parameter illustrates amount of time required to internally sample first input Page Data. It is expressed in number of GPMC
functional clock cycles. From start of read cycle and after FA21 functional clock cycles, First input Page Data will be internally sampled
by active functional clock edge. FA21 calculation is detailled in a separated application note (ref …) and should be stored inside
AccessTime register bits field.
(3) FA20 parameter illustrates amount of time required to internally sample successive input Page Data. It is expressed in number of GPMC
functional clock cycles. After each access to input Page Data, next input Page Data will be internally sampled by active functional clock
edge after FA20 functional clock cycles. FA20 is also the duration of address phases for successive input Page Data (excluding first
input Page Data). FA20 value should be stored in PageBurstAccessTime register bits field.
(4) GPMC_FCLK is an internal clock (GPMC functional clock) not provided externally
(5) The "DIR" (direction control) output signal is NOT pinned out on any of the device pads. It is an internal signal only representing a signal
direction on the GPMC data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com