Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 132 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 132 Page - Texas Instruments

Back Button DM505 Datasheet HTML 128Page - Texas Instruments DM505 Datasheet HTML 129Page - Texas Instruments DM505 Datasheet HTML 130Page - Texas Instruments DM505 Datasheet HTML 131Page - Texas Instruments DM505 Datasheet HTML 132Page - Texas Instruments DM505 Datasheet HTML 133Page - Texas Instruments DM505 Datasheet HTML 134Page - Texas Instruments DM505 Datasheet HTML 135Page - Texas Instruments DM505 Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 286 page
background image
GPMC_FCLK
gpmc_clk
gpmc_csi
gpmc_a27
gpmc_ben0
gpmc_
1
ben
gpmc_
_ale
advn
gpmc_oen_ren
gpmc_a [15:0]
d
DIR
gpmc_waitj
Address (MSB)
Valid
Valid
Address (LSB)
Data IN
Data IN
OUT
OUT
IN
OUT
FA0
FA9
FA10
FA3
FA13
FA29
FA1
FA37
FA12
FA4
FA10
FA0
FA5
FA14
FA15
GPMC_11
gpmc_a[10:1]
132
DM505
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 5-26. GPMC / Multiplexed NOR Flash - Asynchronous Read - Single Word Timing(1)(2)(3)
(1) In “gpmc_csi”, i = 0 to 7. In “gpmc_waitj”, j = 0 to 1
(2) FA5 parameter illustrates amount of time required to internally sample input Data. It is expressed in number of GPMC functional clock
cycles. From start of read cycle and after FA5 functional clock cycles, input Data will be internally sampled by active functional clock
edge. FA5 value should be stored inside AccessTime register bits field.
(3) GPMC_FCLK is an internal clock (GPMC functional clock) not provided externally
(4) The "DIR" (direction control) output signal is NOT pinned out on any of the device pads. It is an internal signal only representing a signal
direction on the GPMC data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com