Electronic Components Datasheet Search
  English  ▼

X  

AT49LW080 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT49LW080
Description  8-megabit and 4-megabit Firmware Hub Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LW080 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT49LW080 Datasheet HTML 4Page - ATMEL Corporation AT49LW080 Datasheet HTML 5Page - ATMEL Corporation AT49LW080 Datasheet HTML 6Page - ATMEL Corporation AT49LW080 Datasheet HTML 7Page - ATMEL Corporation AT49LW080 Datasheet HTML 8Page - ATMEL Corporation AT49LW080 Datasheet HTML 9Page - ATMEL Corporation AT49LW080 Datasheet HTML 10Page - ATMEL Corporation AT49LW080 Datasheet HTML 11Page - ATMEL Corporation AT49LW080 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
8
AT49LW080/040
1966C–FLASH–03/02
Device Operation
READ: Read operations consist of preamble, TAR, SYNC and data fields as shown in
Figure 2 and described in Table 5. TAR and SYNC fields are described below. Com-
mands using the read mode include the following functions: reading memory from the
array, reading the identifier codes, reading the lock bit registers and reading the GPI
registers. Memory information, identifier codes, or the GPI registers can be read inde-
pendent of the VPP voltage. Upon initial device power-up or after exit from reset mode,
the device automatically resets to read array mode.
READ CYCLE, SINGLE BYTE: For read cycles, after the preamble, the master drives a
TAR field to give ownership of the bus to the FWH. After the second clock of the TAR
phase the FWH assumes the bus and begins driving SYNC values. When it is ready, it
drives the low nibble, then the high nibble of data, followed by a TAR field to give control
back to the master.
Figure 2 shows a device that requires three SYNC clocks to access data. Since the
access time can begin once the address phase has been completed, the two clocks of
the TAR phase can be considered as part of the access time of the part. For example, a
device with a 120 ns access time could assert “0101b” for clocks 1 and 2 of the SYNC
phase and “0000b” for the last clock of the SYNC phase. This would be equivalent to
five clocks worth of access time if the device started that access at the conclusion of the
preamble phase. Once SYNC is achieved, the device then returns the data in two clocks
and gives ownership of the bus back to the master with a TAR phase.
TURN-AROUND (TAR): This field is two clocks wide, and is driven by the master when
it is turning control over to the FWH, (for example, to read data), and is driven by the
FWH when it is turning control back over to the master. On the first clock of this
two-clock-wide field, the master or FWH drives the FWH[3:0] lines to “1111b”. On the
second clock of this field, the master or peripheral tri-states the FWH[3:0] lines.
SYNC: This field is used to add wait states. It can be several clocks in length. On target
or DMA cycles, this field is driven by the FWH. If the FWH needs to assert wait states, it
does so by driving “0101b” (short SYNC) on FWH[3:0] until it is ready. When ready, it
will drive “0000b”. Valid values for this field are shown in Table 4.
Figure 2. FWH Single-byte Read Waveforms
Table 4. Valid SYNC Values
Bits[3:0]
Indication
0000
Ready: SYNC achieved with no error.
0101
Short Wait: Part indicating wait states.
IDSEL
MADDR
MSIZE
TAR
SYNC(3)
TAR
DATA
CLK
FWH4
FWH[3:0]
PREAMBLE
START



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com