Electronic Components Datasheet Search
  English  ▼

X  

AT49LW080 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT49LW080
Description  8-megabit and 4-megabit Firmware Hub Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LW080 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT49LW080 Datasheet HTML 16Page - ATMEL Corporation AT49LW080 Datasheet HTML 17Page - ATMEL Corporation AT49LW080 Datasheet HTML 18Page - ATMEL Corporation AT49LW080 Datasheet HTML 19Page - ATMEL Corporation AT49LW080 Datasheet HTML 20Page - ATMEL Corporation AT49LW080 Datasheet HTML 21Page - ATMEL Corporation AT49LW080 Datasheet HTML 22Page - ATMEL Corporation AT49LW080 Datasheet HTML 23Page - ATMEL Corporation AT49LW080 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
20
AT49LW080/040
1966C–FLASH–03/02
Notes:
1. Check B7 to determine sector erase or program completion. B6 - B0 are invalid while B7 = “0”.
2. If both B5 and B4 are “1”s after a sector erase attempt, an improper command sequence was entered.
3. B3 does not provide a continuous indication of VPP level. The WSM interrogates and indicates the VPP level only after a sec-
tor erase or program operation. B3 is not guaranteed to report accurate feedback only when VPP ≠ VPPH1/2.
4. B1 does not provide a continuous indication of Write Lock bit, TBL pin or WP pin values. The WSM interrogates the Write
Lock bit, TBL pin or WP pin only after a sector erase or program operation. Depending on the attempted operation, it informs
the system whether or not the selected sector is locked.
5. B0 is reserved for future use and should be masked out when polling the status register.
Status Register Definition
B7
Write State Machine Status
(1)
1
Ready
0Busy
B6
Erase Suspend Status
1
Sector Erase Suspended
0
Sector Erase in Progress/Completed
B5
Erase Status
(2)
1
Error in Sector Erasure
0
Successful Sector Erase
B4
Program Status
1
Error in Program
0
Successful Program
B3
VPP Status
(3)
1VPP Low Detect, Operation Abort
0V
PP OK
B2
Program Suspend Status
1
Program Suspended
0
Program in Progress/Completed
B1
Device Protect Status
(4)
1
Write Lock Bit, TBL Pin or WP Pin Detected, Operation Abort
0
Unlock
B0
Reserved for Future Enhancements
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com