Electronic Components Datasheet Search
  English  ▼

X  

AT49LW080 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT49LW080
Description  8-megabit and 4-megabit Firmware Hub Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LW080 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT49LW080 Datasheet HTML 11Page - ATMEL Corporation AT49LW080 Datasheet HTML 12Page - ATMEL Corporation AT49LW080 Datasheet HTML 13Page - ATMEL Corporation AT49LW080 Datasheet HTML 14Page - ATMEL Corporation AT49LW080 Datasheet HTML 15Page - ATMEL Corporation AT49LW080 Datasheet HTML 16Page - ATMEL Corporation AT49LW080 Datasheet HTML 17Page - ATMEL Corporation AT49LW080 Datasheet HTML 18Page - ATMEL Corporation AT49LW080 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
15
AT49LW080/040
1966C–FLASH–03/02
Table 8. Sector-locking Registers for AT49LW080
Register Name
Sector Size
Register Memory Address
Default Value
Type
LR0
64K
FFB00002H
01H
R/W
LR1
64K
FFB10002H
01H
R/W
LR2
64K
FFB20002H
01H
R/W
LR3
64K
FFB30002H
01H
R/W
LR4
64K
FFB40002H
01H
R/W
LR5
64K
FFB50002H
01H
R/W
LR6
64K
FFB60002H
01H
R/W
LR7
64K
FFB70002H
01H
R/W
LR8
64K
FFB80002H
01H
R/W
LR9
64K
FFB90002H
01H
R/W
LR10
64K
FFBA0002H
01H
R/W
LR11
64K
FFBB0002H
01H
R/W
LR12
64K
FFBC0002H
01H
R/W
LR13
64K
FFBD0002H
01H
R/W
LR14
64K
FFBE0002H
01H
R/W
LR15
64K
FFBF0002H
01H
R/W
FGPI-REG
FFBC0100H
N/A
RO
Table 9. Function of Sector-locking Bits
Bit
Function
7:3
Reserved
2
Read Lock
1 = Prevents read operations in the sector where set.
0 = Normal operation for reads in the sector where clear. This is the default state.
1
Lock-down
1 = Prevents further set or clear operations to the Write Lock and Read Lock bits. Lock-down can only be set, but
not cleared. The sector will remain locked-down until reset (with RST or INIT), or until the device is power-cycled.
0 = Normal operation for Write Lock and Read Lock bits altering in the sector where clear. This is the default state.
0
Write Lock
1 = Prevents program or erase operations in the sector where set. This is the default state.
0 = Normal operation for programming and erase in the sector where clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com