Electronic Components Datasheet Search
  English  ▼

X  

AT49LW080 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT49LW080
Description  8-megabit and 4-megabit Firmware Hub Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LW080 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT49LW080 Datasheet HTML 6Page - ATMEL Corporation AT49LW080 Datasheet HTML 7Page - ATMEL Corporation AT49LW080 Datasheet HTML 8Page - ATMEL Corporation AT49LW080 Datasheet HTML 9Page - ATMEL Corporation AT49LW080 Datasheet HTML 10Page - ATMEL Corporation AT49LW080 Datasheet HTML 11Page - ATMEL Corporation AT49LW080 Datasheet HTML 12Page - ATMEL Corporation AT49LW080 Datasheet HTML 13Page - ATMEL Corporation AT49LW080 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
10
AT49LW080/040
1966C–FLASH–03/02
WRITE: Write operations consist of preamble, data, TAR and SYNC fields as shown in
Figure 3 and described in Table 6.
WRITE CYCLES, SINGLE BYTE: All devices that support FWH Memory Write cycles
must support single-byte writes. FWH Memory Write cycles use the same preamble as
FWH Memory Read cycles.
For write cycles, after the preamble, the master writes the low nibble, then the high nib-
ble of data. After that the master drives a TAR field to give ownership of the bus to the
FWH. After the second clock of the TAR phase, the target device assumes the bus and
begins driving SYNC values. A TAR field to give control back to the master follows this.
Figure 3. FWH Single-byte Write Waveforms
Note:
1. Field contents are valid on the rising edge of the present clock cycle.
IDSEL
MADDR
MSIZE
TAR
TAR
SYNC
CLK
FWH4
FWH[3:0]
DATA
PREAMBLE
START
Table 6. FWH Write Cycle
Clock Cycle
Field Name
Field
Contents
(1)
FWH[3:0]
FWH[3:0]
Direction
Comments
1
START
1110b
IN
FWH4 must be active (low) for the part to respond. Only the last
start field (before FWH4 transitioning high) should be recognized.
The START field contents indicate an FWH memory write cycle.
2
IDSEL
0000b
to
1111b
IN
Indicates which FWH device should respond. If the IDSEL (ID
select) field matches the value ID[3:0], then that particular device
will respond to subsequent commands.
3 - 9
MADDR
YYYY
IN
These seven clock cycles make up the 28-bit memory address.
YYYY is one nibble of the entire address. Addresses are
transferred most significant nibble first.
10
MSIZE
0000b (1 byte)
IN
The FWH only supports single-byte writes.
11
DATA
YYYY
IN
This field is the least significant nibble of the data byte. This data
is either the data to be programmed into the Flash memory or
any valid Flash command.
12
DATA
YYYY
IN
This field is the most significant nibble of the data byte.
13
TAR0
1111b
IN
then float
In this clock cycle, the master (ICH) has driven the bus to all 1s
and then floats the bus prior to the next clock cycle. This is the
firstpartofthe bus “turnaround cycle”.
14
TAR1
1111b (float)
Float then
OUT
The FWH takes control of the bus during this cycle. During the
next clock cycle it will be driving the “sync” data.
15
RSYNC
0000b
OUT
The FWH outputs the values 0000, indicating that it has received
data or a Flash command.
16
TAR0
1111b
OUT
then Float
The FWH Flash memory drives FWH0 - FWH 3 to 1111b to
indicate a turnaround cycle.
17
TAR1
1111b (float)
Float then
IN
The FWH Flash memory floats its outputs, the master (ICH)
takes control of FWH3 - FWH0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com