Electronic Components Datasheet Search
  English  ▼

X  

AT49LW080 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT49LW080
Description  8-megabit and 4-megabit Firmware Hub Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LW080 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT49LW080 Datasheet HTML 12Page - ATMEL Corporation AT49LW080 Datasheet HTML 13Page - ATMEL Corporation AT49LW080 Datasheet HTML 14Page - ATMEL Corporation AT49LW080 Datasheet HTML 15Page - ATMEL Corporation AT49LW080 Datasheet HTML 16Page - ATMEL Corporation AT49LW080 Datasheet HTML 17Page - ATMEL Corporation AT49LW080 Datasheet HTML 18Page - ATMEL Corporation AT49LW080 Datasheet HTML 19Page - ATMEL Corporation AT49LW080 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
16
AT49LW080/040
1966C–FLASH–03/02
Note:
1. The Write Lock bit must be set to the desired protection state prior to starting a program or erase operation since it is sam-
pled at the beginning of the operation. Changing the state of the Write Lock bit during a program or erase operation may
cause unpredictable results. If the state of the Write Lock bit changes during a program suspend or erase suspend state, the
changes to the sector’s locking status do not take place immediately. The suspended operation may be resumed success-
fully. The new lock status will take place after the program or erase operation completes. The individual bit functions are
described in the following sections.
READ LOCK: The default read status of all sectors upon power-up is read-unlocked.
When a sector’s read-lock bit is set (1 state), data cannot be read from that sector. An
attempted read from a read-locked sector will result in data 00H being read. (Note that
failure is not reflected in the status register). The read-lock status can be unlocked by
clearing (0 state) the read-lock bit, provided the lock-down bit has not been set. The cur-
rent read-lock status of a particular sector can be determ ined by reading the
corresponding read-lock bit.
WRITE LOCK: The default write status of all sectors upon power-up is write-locked (1
state). Any program or erase operations attempted on a locked sector will return an
error in the status register (indicating sector lock). The status of the locked sector can be
changed to unlocked (0 state) by clearing the write-lock bit, provided the lock-down bit is
not also set. The current write-lock status of a particular sector can be determined by
reading the corresponding write-lock bit. Any program or erase operations attempted on
a locked sector will return an error in the status register (indicating sector lock). The
write-lock functions in conjunction with the hardware write-lock pins, TBL and WP.
When active, these pins take precedence over the register-locking function and write-
lock the top sector or remaining sectors, respectively. Reading this register will not read
the state of the TBL or WP pins.
LOCK-DOWN: When in the FWH interface mode, the default lock-down status of all
sectors upon power-up is not-locked-down (0 state). The lock-down bit for any sector
may be set (1 state), but only once, as future attempted changes to that sector locking
register will be ignored. The lock-down bit is only cleared upon a device reset with RST
or INIT. The current lock-down status of a particular sector can be determined by read-
ing the corresponding lock-down bit. Once a sector’s lock-down bit is set, the read- and
write-lock bits for that sector can no longer be modified and the sector is locked down in
its current state of read and write accessibility.
GENERAL-PURPOSE INPUTS REGISTER: This register reads the status of the
FGPI[4:0] pins on the FWH at power-up. Since this is a pass-through register, there is
no default value as shown in Table 7 and Table 8. It is recommended that the GPI pins
be in the desired state before FWH4 is brought low for the beginning of the next bus
cycle, and remain in that state until the end of the cycle.
Table 10. Register-based Locking Value Definitions
Data
Reserved
Data7- 3
Read Lock,
Data 2
Lock-down,
Data 1
Write Lock,
Data 0
Resulting Sector State
(1)
00
00000
000
Full access
01
00000
001
Write locked. Default state at power-up
02
00000
010
Locked open (full access locked down)
03
00000
011
Writelockeddown
04
00000
100
Read locked
05
00000
101
Read and write locked
06
00000
110
Read locked down
07
00000
111
Read and write locked down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com