Electronic Components Datasheet Search
  English  ▼

X  

AT49LW080 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT49LW080
Description  8-megabit and 4-megabit Firmware Hub Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LW080 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT49LW080 Datasheet HTML 3Page - ATMEL Corporation AT49LW080 Datasheet HTML 4Page - ATMEL Corporation AT49LW080 Datasheet HTML 5Page - ATMEL Corporation AT49LW080 Datasheet HTML 6Page - ATMEL Corporation AT49LW080 Datasheet HTML 7Page - ATMEL Corporation AT49LW080 Datasheet HTML 8Page - ATMEL Corporation AT49LW080 Datasheet HTML 9Page - ATMEL Corporation AT49LW080 Datasheet HTML 10Page - ATMEL Corporation AT49LW080 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7
AT49LW080/040
1966C–FLASH–03/02
C Y C L E T YPES: T here a re tw o t y pes o f c y cl e s t hat a r e s up porte d b y t he
AT49LW080/040: FWH Memory Read and FWH Memory Write. FWH Memory Read or
Write cycles start with a preamble.
PREAMBLE: The preamble consists of a START, IDSEL, 28-bit Address and MSIZE
fields. The preamble is shown in Figure 1. The preamble begins with FWH4 going low
andaSTART fielddrivenonFWH[3:0]. ForFWH Memory Read cycles, the START field
must be 1101b; for FWH Memory Write cycles, the START field must be 1110b. Follow-
ing the START field is the IDSEL field. This field acts like a chip select in that it indicates
which device should respond to the current transaction. The next seven clocks are the
28-bit address, which tell from where to begin reading or writing in the selected device.
Next, an MSIZE value of 0 indicates the master is requesting a single byte.
Figure 1. FWH Memory Cycle Preamble
START: This one-clock field indicates the start of a cycle. It is valid on the last clock that
FWH4 is sampled low. The two start fields that are used for the cycle are shown in Table
3. If the start field that is sampled is not one of these values, then the cycle attempted is
not an FWH memory cycle. It may be a valid memory cycle that the FWH component
may wish to decode, i.e., it may be of the LPC memory cycle variety.
IDSEL (DEVICE SELECT): This one-clock field is used to indicate which FWH compo-
nent is being selected. The four bits transmitted over FWH[3:0] during this clock are
compared with values strapped onto pins [ID3:ID0] on the FWH component. If there is a
match, the FWH component will continue to decode the cycle to determine which bytes
are requested on a read or which bytes to update on a write. If there isn’t a match, the
FWH component may discard the rest of the cycle and go into a standby power state.
MADDR (MEMORY ADDRESS): This is a seven-clock field, which gives a 28-bit mem-
ory address. This allows for up to 256 MB per memory device, for a total of a 4 GB
addressable space. The address is transferred with the most significant nibble first.
MSIZE (MEMORY SIZE): “0000b” will be sent in this field. A value of “0000b” corre-
sponds to asinglebytetransfer.
Table 3. Start Fields
FWH[3:0]
Indication
1101b
FWH Memory Read
1110b
FWH Memory Write
CLK
FWH4
FWH3 - FWH0
START
IDSEL
MSIZE
28-BIT ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com