Electronic Components Datasheet Search
  English  ▼

X  

AT49LW080 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT49LW080
Description  8-megabit and 4-megabit Firmware Hub Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LW080 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT49LW080 Datasheet HTML 22Page - ATMEL Corporation AT49LW080 Datasheet HTML 23Page - ATMEL Corporation AT49LW080 Datasheet HTML 24Page - ATMEL Corporation AT49LW080 Datasheet HTML 25Page - ATMEL Corporation AT49LW080 Datasheet HTML 26Page - ATMEL Corporation AT49LW080 Datasheet HTML 27Page - ATMEL Corporation AT49LW080 Datasheet HTML 28Page - ATMEL Corporation AT49LW080 Datasheet HTML 29Page - ATMEL Corporation AT49LW080 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
26
AT49LW080/040
1966C–FLASH–03/02
Note:
1. The input test environment is done with 0.1 VCC of overdrive over VIH and VIL. Timing parameters must be met with no more
overdrive than this. V
max specifies the maximum peak-to-peak waveform allowed for measuring the input timing. Production
testing may use different voltage values, but must correlate results back to these parameters.
Note:
1. A reset latency of 20 µs will occur if a reset procedure is performed during a programming or erase operation.
AC Waveform for Reset Operation
Notes:
1. Typical values measured at TA =+25°C and nominal voltages.
2. Excludes system-level overhead.
Interface Measurement Condition Parameters
Symbol
Value
Units
V
th
(1)
0.6 V
CC
V
V
tl
(1)
0.2 V
CC
V
Vtest
0.4 VCC
V
Vmax
(1)
0.4 VCC
V
Input Signal Edge Rate
1V/ns
Reset Operations
Symbol
Parameter
Min
Max
Unit
t
PLPH
(1)
RST or INIT Pulse Low Time (If RST or INIT is tied to V
CC,this
specification is not applicable)
100
ns
Sector Programming Times
Parameter
3.3V VPP
12V VPP
Unit
Typ
(1)
Max
Typ
(1)
Max
Byte Program Time
(2)
30.0
300
12.0
125
µs
Sector Program Time
(2)
2.0
20.0
0.8
8.0
sec
Sector Erase Time
(2)
0.8
1.0
0.35
0.5
sec
VIH
VIL
RST
tPLPH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com