Electronic Components Datasheet Search
  English  ▼

X  

AT49LW080 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT49LW080
Description  8-megabit and 4-megabit Firmware Hub Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LW080 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT49LW080 Datasheet HTML 10Page - ATMEL Corporation AT49LW080 Datasheet HTML 11Page - ATMEL Corporation AT49LW080 Datasheet HTML 12Page - ATMEL Corporation AT49LW080 Datasheet HTML 13Page - ATMEL Corporation AT49LW080 Datasheet HTML 14Page - ATMEL Corporation AT49LW080 Datasheet HTML 15Page - ATMEL Corporation AT49LW080 Datasheet HTML 16Page - ATMEL Corporation AT49LW080 Datasheet HTML 17Page - ATMEL Corporation AT49LW080 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
14
AT49LW080/040
1966C–FLASH–03/02
Register-based
Locking and General-
purpose Input
Registers
A series of registers are available in the FWH to provide software read and write locking
and GPI feedback. These registers are accessible through standard addressable mem-
ory space.
REGISTERS: The AT49LW040/080 has two types of registers: sector-locking registers
and general-purpose input registers. The two types of registers appear at their respec-
tive address locations in the 4 GB system memory map.
SECTOR-LOCKING REGISTERS: The AT49LW040 and the AT49LW080 have 8 (LR0
- LR7) and 16 (LR0 - LR15) sector-locking registers, respectively. Each sector-locking
register controls the lock protection for 64K bytes of memory as shown in Table 7
(AT49LW040) and Table 8 (AT49LW080). The sector-locking registers are accessible
through the register memory address shown in the third column of Table 7 and Table 8.
The sector-locking registers are read/write as shown in the last column of Table 7 and
Table 8. Each sector has three dedicated locking bits as shown in Table 9 and Table 10.
Table 7. Sector-locking Registers for AT49LW040
Register Name
Sector Size
Register Memory Address
Default Value
Type
LR0
64K
FFB80002H
01H
R/W
LR1
64K
FFB90002H
01H
R/W
LR2
64K
FFBA0002H
01H
R/W
LR3
64K
FFBB0002H
01H
R/W
LR4
64K
FFBC0002H
01H
R/W
LR5
64K
FFBD0002H
01H
R/W
LR6
64K
FFBE0002H
01H
R/W
LR7
64K
FFBF0002H
01H
R/W
FGPI-REG
FFBC0100H
N/A
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com