Electronic Components Datasheet Search
  English  ▼

X  

AT49LW080 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT49LW080
Description  8-megabit and 4-megabit Firmware Hub Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LW080 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT49LW080 Datasheet HTML 24Page - ATMEL Corporation AT49LW080 Datasheet HTML 25Page - ATMEL Corporation AT49LW080 Datasheet HTML 26Page - ATMEL Corporation AT49LW080 Datasheet HTML 27Page - ATMEL Corporation AT49LW080 Datasheet HTML 28Page - ATMEL Corporation AT49LW080 Datasheet HTML 29Page - ATMEL Corporation AT49LW080 Datasheet HTML 30Page - ATMEL Corporation AT49LW080 Datasheet HTML 31Page - ATMEL Corporation AT49LW080 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
28
AT49LW080/040
1966C–FLASH–03/02
Note:
1. See AC Input/Output Reference Waveform for maximum allowable input slew rate.
2. OE may be delayed up to t
CHQV -tGLQV after the rising edge of R/C without impact on tCHQV.
3. T
C =0°Cto+85°C, 3.3V + 0.3V VCC.
A/A Mux Read Timing Diagram
A/A Mux Read-only Operations(1)(2)
Symbol
Parameter
Min
Max
Units
t
AVAV
Read Cycle Time
250
ns
t
AVCL
Row Address Setup to R/C Low
50
ns
tCLAX
Row Address Hold from R/C Low
50
ns
tAVCH
Column Address Setup to R/C High
50
ns
tCHAX
Column Address Hold from R/C High
50
ns
tCHQV
R/C High to Output Delay
(2)
150
ns
t
GLQV
OE Low to Output Delay
(2)
50
ns
t
PHAV
RST High to Row Address Setup
1
µs
t
GLQX
OE Low to Output in Low-Z
0
ns
tGHQZ
OE High to Output in High-Z
50
ns
tQXGH
Output Hold from OE High
0
ns
VIH
VIL
R/C
VIH
VIL
OE
VIH
VIL
WE
VIH
VIL
RST
VOH
VOL
I/O
VIH
VIL
ADDRESSES
tGLQX
tCHAX
tAVCH
tCLAX
tAVCL
tQXGH
tGHQZ
tGLQV
tCHQV
tPHAV
tAVAV
Row Address
Stable
Next Address
Stable
Data Valid
High-Z
High-Z
Column Address
Stable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com