Electronic Components Datasheet Search
  English  ▼

X  

AT49LW080 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT49LW080
Description  8-megabit and 4-megabit Firmware Hub Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LW080 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT49LW080 Datasheet HTML 21Page - ATMEL Corporation AT49LW080 Datasheet HTML 22Page - ATMEL Corporation AT49LW080 Datasheet HTML 23Page - ATMEL Corporation AT49LW080 Datasheet HTML 24Page - ATMEL Corporation AT49LW080 Datasheet HTML 25Page - ATMEL Corporation AT49LW080 Datasheet HTML 26Page - ATMEL Corporation AT49LW080 Datasheet HTML 27Page - ATMEL Corporation AT49LW080 Datasheet HTML 28Page - ATMEL Corporation AT49LW080 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
25
AT49LW080/040
1966C–FLASH–03/02
Notes:
1. Minimum and maximum times have different loads. See PCI spec.
2. For purposes of Active/Float timing measurements, the high-Z or “off” state is defined to be when the total current delivered
through the component pin is less than or equal to the leakage current specification.
3. This parameter applies to any input type (excluding CLK).
Output Timing Parameters
Input Timing Parameters
Signal Timing Parameters
Symbol
PCI Symbol
Parameter
Min
Max
Units
t
CHQX
t
val
CLK to Data Out
(1)
211
ns
t
CHQX
t
on
CLKto Active(Float toActiveDelay)
(2)
2ns
tCHQZ
toff
CLK to Inactive (Active to Float Delay)
(2)
28
ns
tAVCH
tDVCH
tsu
Input Set-up Time
(3)
7ns
tCHAX
t
CHDX
th
Input Hold Time
(3)
0ns
t
VSPL
t
rst
Reset ActiveTimeafter Power Stable
1
ms
t
CSPL
t
rst-clk
Reset ActiveTimeafter CLK Stable
100
µs
tPLQZ
trst-off
Reset Active to Output Float Delay
(2)
48
ns
toff
ton
tval
Vth
Vtl
Vtest
CLK
FWH[3:0]
(Valid Output Data)
FWH[3:0]
(Float Output Data)
th
Vth
Vtl
Vmax
Vtest
CLK
FWH[3:0]
(Valid Input Data)
tsu
Inputs Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com