Electronic Components Datasheet Search
  English  ▼

X  

AT49LW080 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT49LW080
Description  8-megabit and 4-megabit Firmware Hub Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LW080 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT49LW080 Datasheet HTML 15Page - ATMEL Corporation AT49LW080 Datasheet HTML 16Page - ATMEL Corporation AT49LW080 Datasheet HTML 17Page - ATMEL Corporation AT49LW080 Datasheet HTML 18Page - ATMEL Corporation AT49LW080 Datasheet HTML 19Page - ATMEL Corporation AT49LW080 Datasheet HTML 20Page - ATMEL Corporation AT49LW080 Datasheet HTML 21Page - ATMEL Corporation AT49LW080 Datasheet HTML 22Page - ATMEL Corporation AT49LW080 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
19
AT49LW080/040
1966C–FLASH–03/02
ERASE SUSPEND: The Erase Suspend command allows sector-erase interruption to
read or program data in another sector of memory. Once the sector erase process
starts, writing the sector erase suspend command requests that the WSM suspend the
sector erase sequence at a predetermined point in the algorithm. The device outputs
status register data when read after the sector erase suspend command is written. Poll-
ing the status register can help determine when the sector erase operation was
suspended. After a successful suspend, a Read Array command can be written to read
data from a sector other than the suspended sector. A program command sequence
may also be issued during erase suspend to program data in sectors other than the sec-
tor currently in the erase suspend mode.
The other valid commands while sector erase is suspended include Read Status Regis-
ter and Sector Erase Resume. After a Sector Erase Resume command is written, the
WSM will continue the sector erase process. VPP must remain at VPPH1/2 (the same VPP
level initially used for sector erase) while sector erase is suspended. RST or INIT must
also remain at VIH. Sector erase cannot resume until program operations initiated during
sector erase suspend have completed.
PROGRAM SUSPEND: The Program Suspend command allows program interruption
to read data in other memory locations. Once the program process starts, writing the
Program Suspend Command requests that the WSM suspend the program sequence at
a predetermined point in the algorithm. The device continues to output status register
data when read after the program suspend command is written. Polling the status regis-
ter can help determine when the program operation was suspended. After a successful
suspend, a Read Array command can be written to read data from locations other than
that which is suspended. The only other valid commands while program is suspended
are Read Status Register and Program Resume. VPP must remain at VPPH1/2 (the same
VPP level used for program) while in program suspend mode. RST or INIT must also
remain at VIH.
READ STATUS REGISTER: The status register may be read to determine when a sec-
tor erase or program completes and whether the operation completed successfully. The
status register may be read at any time by writing the Read Status Register command.
After writing this command, all subsequent read operations will return data from the sta-
tus register until another valid command is written. The Read Status Register command
functions independently of the VPP voltage.
CLEAR STATUS REGISTER: Error flags in the status register can only be set to “1”sby
the WSM and can only be reset by the Clear Status Register command. These bits indi-
cate various failure conditions. The Clear Status Register command functions
independently of the applied VPP voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com