Electronic Components Datasheet Search
  English  ▼

X  

HMC7044 Datasheet(PDF) 39 Page - Analog Devices

Part # HMC7044
Description  JESD204B clock generation
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7044 Datasheet(HTML) 39 Page - Analog Devices

Back Button HMC7044 Datasheet HTML 35Page - Analog Devices HMC7044 Datasheet HTML 36Page - Analog Devices HMC7044 Datasheet HTML 37Page - Analog Devices HMC7044 Datasheet HTML 38Page - Analog Devices HMC7044 Datasheet HTML 39Page - Analog Devices HMC7044 Datasheet HTML 40Page - Analog Devices HMC7044 Datasheet HTML 41Page - Analog Devices HMC7044 Datasheet HTML 42Page - Analog Devices HMC7044 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
Data Sheet
HMC7044
Rev. B | Page 39 of 72
13. Send a sync request via the SPI (set the reseed request bit)
to align the divider phases and send any initial pulse
generator stream.
14. Wait 6 SYSREF periods (6 × SYSREF Timer[11:0]) to allow
the outputs to phase appropriately (takes ~3 μs in typical
configurations).
15. Confirm that the outputs have all reached their phases by
checking that the clock outputs phases status bit = 1.
16. At this time, initialize any other devices in the system.
PLL1 may not be locked yet, but the small frequency offset
that can result on the output of the HMC7044 is not normally
severe enough to cause synchronization or initialization
failures. Configure slave JESD204B devices in the system to
operate with the SYSREF signal outputs from the HMC7044.
SYSREF channels from the HMC7044 can either be on
asynchronously, or dynamically, and can temporarily turn
on for a pulse generator stream.
17. Wait for PLL1 to lock. This takes ~50 ms for a 100 Hz BW
(from Step 11).
18. When all JESD204B slaves are powered and ready, send a
pulse generator request to send out a pulse generator chain
on any SYSREF channels programmed for pulse generator
mode.
The system is now initialized.
For power savings and the reduction of the crosscoupling of
frequencies on the HMC7044, shut down the SYSREF channels.
1. Program each JESD204B slave to ignore the SYSREF input
channel.
2. On the HMC7044, disable the individual channel enable
bits of each SYSREF channel.
To resynchronize one or more of the JESD204B slaves, use the
following procedure:
1. Set the channel enable (and SYNC enable bit) of the
SYSREF channel of interest.
2. To prevent an output channel from responding to a sync
request, disable the SYNC enable mask of each channel so
that it continues to run normally without a phase
adjustment.
3. Issue a reseed request to phase the SYSREF channel
properly with respect to the DCLK.
4. Enable the JESD204B slave sensitivity to the SYSREF
channel.
5. If the SYSREF channel is in pulse generator mode, wait at
least 20 SYSREF periods from Step 3, and issue a pulse
generator request.
POWER SUPPLY CONSIDERATIONS
The HMC7044 contains on-board regulators to shield some of
the more sensitive supplies from external noise and interference
as much as possible. Nevertheless, the user must still take
special care to the supply noise profile of the VCC1_VCO
supply to achieve the intended performance of the device.
In general, a flat input noise of 200 nV/Hz is an equivalent
contributor to the VCO noise and causes a 3 dB increase in the
noise profile from about 100 kHz to 10 MHz when the VCO is
the dominant contributor. This increase equates to a roughly
one-to-one conversion from dBV to dBc/Hz at a 1 MHz offset,
and fOUT = 2.457 GHz, that is, 200 nV/Hz = −134 dBV, and the
performance of the VCO at 1 MHz offset at 2.4576 GHz is
~−134 dBc/Hz. The PSRR of the VCO follows its closed-loop
noise profile; therefore, as the offset moves in and the VCO
profile becomes higher, the 200 nV/Hz noise stays approximately
equal to the VCO. To stay suitably below the VCO, a supply
input with <50 nV/Hz is recommended on the VCC1_VCO pin
across the 100 kHz to 10 MHz frequency range.
The output buffers are also susceptible to supply noise, but to a
lesser extent. A noise tone of −60 dBV at a 40 MHz offset results
in a −90 dBc tone at the output of the buffers in CML mode and
−85 dBc in LVPECL mode. This result is a relatively flat frequency
response, and these numbers are measured differentially. Phase
noise/spurs caused by supply noise on the output buffers do not
scale with output frequency, whereas those on the VCO do.
Table 22 lists the supply network of the HMC7044 by pin,
showing the relevant functional blocks. Six different usage
profiles are defined for the network, not including the output
channel supplies, which are accounted for separately.
The values listed under Profile 0 to Profile 5 in Table 22 and
Table 23 are the typical currents of that block or feature. If a
number is not listed in a profile column, a typical profile does
not exist for that block or feature, but the user can mix and
match features outside of the profile list, and can determine what
the power consumption is going to be given the current listings
per feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com