Electronic Components Datasheet Search
  English  ▼

X  

HMC7044 Datasheet(PDF) 67 Page - Analog Devices

Part # HMC7044
Description  JESD204B clock generation
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7044 Datasheet(HTML) 67 Page - Analog Devices

Back Button HMC7044 Datasheet HTML 63Page - Analog Devices HMC7044 Datasheet HTML 64Page - Analog Devices HMC7044 Datasheet HTML 65Page - Analog Devices HMC7044 Datasheet HTML 66Page - Analog Devices HMC7044 Datasheet HTML 67Page - Analog Devices HMC7044 Datasheet HTML 68Page - Analog Devices HMC7044 Datasheet HTML 69Page - Analog Devices HMC7044 Datasheet HTML 70Page - Analog Devices HMC7044 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 72 page
background image
Data Sheet
HMC7044
Rev. B | Page 67 of 72
Clock Distribution (Register 0x00C8 to Register 0x0153)
The bit descriptions in Table 75 apply to all 14 channels.
Table 75. Channel 0 to Channel 13 Control
Address
Bits
Bit Name
Settings1
Description
Access
0x00C8, 0x00D2, 0x00DC,
0x00E6, 0x00F0, 0x00FA,
0x0104, 0x010E, 0x0118,
0x0122, 0x012C, 0x0136,
0x0140, 0x014A
7
High performance
mode
High performance mode. Adjusts the divider and buffer
bias to improve swing/phase noise at the expense of
power.
RW
6
SYNC enable
Susceptible to SYNC event. The channel can process a
SYNC event to reset its phase.
5
Slip enable
Susceptible to slip event. The channel can process a slip
request from SPI or GPI. Note that if slip enable is true
but multislip is off, a channel slips by 1 VCO cycle on an
explicit slip request broadcast from the SPI/GPI.
4
Reserved
Reserved.
[3:2]
Start-Up Mode[1:0]
Configures the channel to normal mode with
asynchronous startup, or to a pulse generator mode
with dynamic start-up. Note that this must be set to
asynchronous mode if the channel is unused.
00
Asynchronous.
01
Reserved.
10
Reserved.
11
Dynamic.
1
Multislip enable
Allow multislip operation (default = 0 for SYSREF, 1 for
DCLK).
0
Do not engage automatic multislip on channel startup.
1
Multislip events after SYNC or pulse generator request,
if slip enable, Bit = 1.
0
Channel enable
Channel enable. If this bit is 0, channel is disabled.
0x00C9, 0x00D3, 0x00DD,
0x00E7, 0x00F1, 0x00FB,
0x0105, 0x010F, 0x0119,
0x0123, 0x012D, 0x0137,
0x0141, 0x014B
[7:0]
12-Bit Channel
Divider[7:0] (LSB)
12-bit channel divider setpoint LSB. The divider
supports even divide ratios from 2 to 4094. The
supported odd divide ratios are 1, 3, and 5. All even and
odd divide ratios have 50.0% duty cycle.
RW
0x00CA, 0x00D4, 0x00DE,
0x00E8, 0x00F2, 0x00FC,
0x0106, 0x0110, 0x011A,
0x0124, 0x012E, 0x0138,
0x0142, 0x014C
[7:4]
Reserved
Reserved.
RW
[3:0]
12-Bit Channel
Divider[11:8] (MSB)
12-bit channel divider setpoint MSB.
0x00CB, 0x00D5, 0x00DF,
0x00E9, 0x00F3, 0x00FD,
0x0107, 0x0111, 0x011B,
0x0125, 0x012F, 0x0139,
0x0143, 0x014D
[7:5]
Reserved
Reserved.
RW
[4:0]
Fine Analog
Delay[4:0]
24 fine delay steps. Step size = 25 ps. Values greater
than 23 have no effect on analog delay.
0x00CC, 0x00D6, 0x00E0,
0x00EA, 0x00F4, 0x00FE,
0x0108, 0x0112, 0x011C,
0x0126, 0x0130, 0x013A,
0x0144, 0x014E
[7:5]
Reserved
Reserved.
RW
[4:0]
Coarse Digital
Delay[4:0]
17 coarse delay steps. Step size = ½ VCO cycle. This flip
flop (FF)-based digital delay does not increase noise
level at the expense of power. Values greater than 17
have no effect on coarse delay.
0x00CD, 0x00D7, 0x00E1,
0x00EB, 0x00F5, 0x00FF,
0x0109, 0x0113, 0x011D,
0x0127, 0x0131, 0x013B,
0x0145, 0x014F
[7:0]
12-Bit Multislip
Digital Delay[7:0]
(LSB)
12-bit multislip digital delay amount LSB.
RW
Step size = (delay amount: MSB + LSB) × VCO cycles. If
multislip enable bit = 1, any slip events (caused by GPI,
SPI, SYNC, or pulse generator events) repeat the
number of times set by 12-Bit Multislip Digital
Delay[11:0] to adjust the phase by step size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com