Electronic Components Datasheet Search
  English  ▼

X  

HMC7044 Datasheet(PDF) 23 Page - Analog Devices

Part # HMC7044
Description  JESD204B clock generation
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7044 Datasheet(HTML) 23 Page - Analog Devices

Back Button HMC7044 Datasheet HTML 19Page - Analog Devices HMC7044 Datasheet HTML 20Page - Analog Devices HMC7044 Datasheet HTML 21Page - Analog Devices HMC7044 Datasheet HTML 22Page - Analog Devices HMC7044 Datasheet HTML 23Page - Analog Devices HMC7044 Datasheet HTML 24Page - Analog Devices HMC7044 Datasheet HTML 25Page - Analog Devices HMC7044 Datasheet HTML 26Page - Analog Devices HMC7044 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
Data Sheet
HMC7044
Rev. B | Page 23 of 72
THEORY OF OPERATION
The HMC7044 is a high performance, dual-loop, integer N
jitter attenuator capable of performing frequency translation,
reference selection, and generation of ultralow phase noise
references for high speed data converters with either parallel or
serial (JESD204B type) interfaces. The device is designed to
meet the requirements of demanding base station designs, and
offers a wide range of clock management and distribution
features to simplify baseband and radio card clock tree designs.
The HMC7044 uses a dual-loop architecture, where two integer
mode PLLs are connected in series to form a jitter attenuating
clock multiplier unit. The high performance dual-loop topology
of the HMC7044 enables the wireless/RF system designer to
attenuate the incoming jitter of a primary system reference
clock (for example, Common Public Radio Interface™ (CPRI)
source) and generate low phase noise, high frequency clocks to
drive data converter sample clock inputs. The HMC7044 provides
14 low noise and configurable outputs to offer flexibility in
interfacing with many different components in an RF trans-
ceiver system, such as data converters, local oscillators,
transmit/receive modules, FPGAs, and digital front-end (DFE)
ASICs.
The first PLL in the HMC7044 is designed for low bandwidth
configuration using appropriately selected external loop filter
components, and internal charge pump bias settings to achieve
less than a few hundred Hz bandwidth, typically. The exact
bandwidth roll-off points depend on the frequency spectrum of
noise that must be attenuated in the system. The first PLL locks
an external VCXO and provides the clock holdover functions
and the reference frequency to the high performance second
PLL loop. The combination of the loops provides an excellent
clock generation unit with the capability to attenuate incoming
reference clock jitter. The second PLL loop features two
overlapping on-chip VCOs that are SPI selectable with center
frequencies at 2.5 GHz and 3 GHz, respectively. Both VCOs are
designed to have wide tuning ranges for broad output frequency
coverage. The desired output frequency is set by the chosen
VCXO frequency, VCO core (higher or lower frequency core),
and the programmed second PLL feedback divider and output
channel divider values.
The HMC7044 generates up to seven DCLK and SYSREF clock
pairs per the JESD204B interface requirements. The system
designer can generate a lower number of DCLK and SYSREF
pairs, and configure the remaining output signal paths as
desired, either as DCLKs or additional SYSREFs or other
reference clocks with independent phase and frequency
adjustment. Frequency adjustment can be accomplished by
selecting the appropriate output divider values. One of the
unique features of the HMC7044 is the independent flexible
phase management of each of the 14 channels. Using a
combination of divider slip-based, digital/coarse and
analog/fine delay adjustments, each channel can be
programmed to have a different phase offset. The phase
adjustment capability allows the designer to offset board flight
time delay variations, data converter sample window matching,
and meet JESD204B synchronization challenges. The output
signal path design of the HMC7044 is implemented to ensure
both linear phase adjustment steps and minimal noise
perturbation when phase adjustment circuits are turned on.
One of the key challenges in JESD204B system design is
ensuring the synchronization of data converter frame alignment
across the system, from the FPGA or DFE to ADCs and DACs
through a large clock tree that can comprise multiple clock
generation and distribution ICs. The HMC7044 is specifically
designed to offer features to address this challenge. Using the
SYSREF valid interrupt feature, the wait time latency can be
reduced in the FPGAs. The HMC7044 raises this flag through
its GPO port when all counters are set and outputs are at the
desired phases. Additionally, an external reference-based
synchronization feature (SYNC via PLL2 or RF SYNC only in
fanout mode) synchronizes multiple devices, that is, it ensures
that all clock outputs start with same rising edge. This operation
is achieved by rephasing the SYSREF control unit deterministi-
cally, and then restarting the output dividers with this new
desired phase.
Offering excellent crosstalk, frequency isolation, and spurious
performance, the device generates independent frequencies in
both single-ended and differential formats. The four input
reference options allows up to three backup frequency sources,
with hitless switching and holdover capabilities, supporting
system redundancy and uninterrupted operation on reference
data and clock failures. The device also features dedicated
oscillator fanout mode for best clock isolation, which generates
multiple copies of the VCXO clock to be distributed across the
board with excellent frequency isolation.
Both the DCLK and SYSREF clock outputs can be configured to
support different signaling standards, including CML, LVDS,
LVPECL, and LVCMOS, and different bias conditions to offset
varying board insertion losses. The outputs can also be
programmed for ac or dc coupling and 50 Ω or 100 Ω internal
and external termination options.
The HMC7044 is programmed via a 3-wire serial port interface
(SPI) and powers up with a default configuration that generates
valid output frequencies within the VCO tuning ranges regardless
of whether a reference clock exists.
The HMC7044 is offered in a 68-lead, 10 mm ×10 mm, LFCSP
package with the exposed pad to ground.
Note that, throughout this data sheet, multifunction pins, such
as CLKIN0/RFSYNCIN, are referred to either by the entire pin
name or by a single function of the pin, for example, CLKIN0,
when only that function is relevant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com