Electronic Components Datasheet Search
  English  ▼

X  

HMC7044 Datasheet(PDF) 9 Page - Analog Devices

Part # HMC7044
Description  JESD204B clock generation
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7044 Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC7044 Datasheet HTML 5Page - Analog Devices HMC7044 Datasheet HTML 6Page - Analog Devices HMC7044 Datasheet HTML 7Page - Analog Devices HMC7044 Datasheet HTML 8Page - Analog Devices HMC7044 Datasheet HTML 9Page - Analog Devices HMC7044 Datasheet HTML 10Page - Analog Devices HMC7044 Datasheet HTML 11Page - Analog Devices HMC7044 Datasheet HTML 12Page - Analog Devices HMC7044 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
Data Sheet
HMC7044
Rev. B | Page 9 of 72
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OPEN-LOOP VCO PHASE NOISE
fOUT = 2457.6 MHz
fOFFSET = 100 kHz
−109
dBc/Hz
High performance mode, does not include
floor contribution due to output network
fOFFSET = 800 kHz
−134
dBc/Hz
fOFFSET = 1 MHz
−136
dBc/Hz
fOFFSET = 10 MHz
−156
dBc/Hz
Normalized Phase Noise Variation vs.
Frequency
±2
dB
Sweep across both VCOs, all bands;
normalize to 2457.6 MHz
Phase Noise Variation vs. Temperature
±2
dB
Phase Noise Degradation in Low
Performance Mode
2
dB
1
Guaranteed by design and characterization.
2
Although the device covers this range without any gaps, for frequencies between ~2700 Hz and 2900 Hz, using a different VCO core to synthesize the frequency can
be required as process parameters shift. Features are built into the HMC7044 to determine which core is selected for a given frequency that can fall in this range, but it
can require software to configure these circuits appropriately.
CLOCK OUTPUT DISTRIBUTION CHARACTERISTICS
Table 7.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLOCK OUTPUT SKEW
CLKOUTx/CLKOUTx to SCLKOUTx/SCLKOUTx
Skew within One Clock Output Pair
15
|ps|
Same pair, same type termination and
configuration
Any CLKOUTx/CLKOUTx to Any
SCLKOUTx/SCLKOUTx
30
|ps|
Any pair, same type termination and configuration
CLOCK OUTPUT DIVIDER
12-Bit Divider Range
1
4094
1, 3, 5, and all even numbers up to 4094
SYSREF CLOCK OUTPUT DIVIDER
12-Bit Divider Range
1
4094
1, 3, 5 and all even numbers up to 4094; pulse
generator behavior is only supported for divide
ratios ≥ 32
CLOCK OUTPUT ANALOG FINE DELAY
Analog Fine Delay
Adjustment Range1
135
670
ps
24 delay steps, fCLKOUT = 983.04 MHz
Resolution
25
ps
fCLKOUT = 983.04 MHz (2949.12 MHz/3)
Maximum Analog Fine Delay Frequency1
3200
MHz
CLOCK OUTPUT COARSE DELAY (FLIP FLOP
BASED)
Coarse Delay Adjustment Range
0
17
½ VCO
period
17 delay steps in ½ VCO period
Coarse Delay Resolution
169.54
ps
fVCO = 2949.12 MHz
Maximum Frequency Coarse Delay1
3200
MHz
CLOCK OUTPUT COARSE DELAY (SLIP BASED)
Coarse Delay
Adjustment Range
1 to ∞
VCO period
Resolution
339.08
ps
fVCO = 2949.12 MHz
Maximum Frequency Coarse Delay
1600
MHz
1
Guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com