Electronic Components Datasheet Search
  English  ▼

X  

HMC7044 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC7044
Description  JESD204B clock generation
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7044 Datasheet(HTML) 3 Page - Analog Devices

  HMC7044 Datasheet HTML 1Page - Analog Devices HMC7044 Datasheet HTML 2Page - Analog Devices HMC7044 Datasheet HTML 3Page - Analog Devices HMC7044 Datasheet HTML 4Page - Analog Devices HMC7044 Datasheet HTML 5Page - Analog Devices HMC7044 Datasheet HTML 6Page - Analog Devices HMC7044 Datasheet HTML 7Page - Analog Devices HMC7044 Datasheet HTML 8Page - Analog Devices HMC7044 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
Data Sheet
HMC7044
Rev. B | Page 3 of 72
SPECIFICATIONS
Unless otherwise noted, fVCXO = 122.88 MHz single-ended; CLKIN0/CLKIN0, CLKIN1/CLKIN1, CLKIN2/CLKIN2, and CLKIN3/CLKIN3
differential at 122.88 MHz; fVCO = 2949.12 MHz; doubler is on; typical value is given for VCC = 3.3 V; and TA = 25°C. Minimum and maximum
values are given over the full VCC and TA (−40°C to +85°C) variation, as listed in Table 1. Note that multifunction pins, such as
CLKIN0/RFSYNCIN, are referred to either by the entire pin name or by a single function of the pin, for example, CLKIN0, when only
that function is relevant.
CONDITIONS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY VOLTAGE, VCC
VCC1_VCO
3.135
3.3
3.465
V
3.3 V ± 5%, supply voltage for VCO and VCO distribution
VCC2_OUT
3.135
3.3
3.465
V
3.3 V ± 5%, supply voltage for Output Channel 2 and Output
Channel 3
VCC3_SYSREF
3.135
3.3
3.465
V
3.3 V ± 5%, supply voltage for common SYSREF divider
VCC4_OUT
3.135
3.3
3.465
V
3.3 V ± 5%, supply voltage for Output Channel 4, Output
Channel 5, Output Channel 6, Output Channel 7
VCC5_PLL1
3.135
3.3
3.465
V
3.3 V ± 5%, supply voltage for the LDO used in PLL1
VCC6_OSCOUT
3.135
3.3
3.465
V
3.3 V ± 5%, supply voltage for oscillator output path
VCC7_PLL2
3.135
3.3
3.465
V
3.3 V ± 5%, supply voltage for the LDO used in PLL2
VCC8_OUT
3.135
3.3
3.465
V
3.3 V ± 5%, supply voltage for Output Channel 8, Output
Channel 9, Output Channel 10, and Output Channel 11
VCC9_OUT
3.135
3.3
3.465
V
3.3 V ± 5%, supply voltage for Output Channel 0, Output
Channel 1, Output Channel 12, and Output Channel 13
TEMPERATURE
Ambient Temperature Range, TA
−40
+25
+85
°C
SUPPLY CURRENT
For detailed test conditions, see Table 22 and Table 23.
Table 2.
Parameter1, 2
Min
Typ
Max
Unit
Test Conditions/Comments
CURRENT CONSUMPTION3
VCC1_VCO
157
225
mA
VCC2_OUT4
65
250
mA
Typical value is given at TA = 25°C with two LVDS clocks at divide by 8
VCC3_SYSREF
12
37
mA
VCC4_OUT4
78
500
mA
Typical value is given at 25°C with two LVPECL high performance clocks,
fundamental frequency of internal VCO (fO), 2 SYSREF clocks (off)
VCC5_PLL1
39
125
mA
VCC6_OSCOUT
0
80
mA
VCC7_PLL2
46
80
mA
VCC8_OUT4
124
500
mA
Typical value is given at 25°C with two LVPECL high performance clocks at
divide by 2, 2 SYSREF clocks (off)
VCC9_OUT4
65
500
mA
Typical value is given at 25°C with two LVDS clocks at divide by 8, 2 SYSREF
clocks (off)
Total Current
586
mA
1
Maximum values are guaranteed by design and characterization.
2
Currents include LVPECL termination currents.
3
Maximum values are for all circuits enabled in their worst case power consumption mode, PVT variations, and accounting for peak current draw during temporary
synchronization events.
4
Typical specification applies to a normal usage profile (Profile 1 in Table 23), where PLL1 and PLL2 are locked, but very low duty cycle currents (sync events) and some
optional features are disabled. This specification assumes output configurations as described in the test conditions/comments column.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com