Electronic Components Datasheet Search
  English  ▼

X  

HMC7044 Datasheet(PDF) 71 Page - Analog Devices

Part # HMC7044
Description  JESD204B clock generation
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7044 Datasheet(HTML) 71 Page - Analog Devices

Back Button HMC7044 Datasheet HTML 64Page - Analog Devices HMC7044 Datasheet HTML 65Page - Analog Devices HMC7044 Datasheet HTML 66Page - Analog Devices HMC7044 Datasheet HTML 67Page - Analog Devices HMC7044 Datasheet HTML 68Page - Analog Devices HMC7044 Datasheet HTML 69Page - Analog Devices HMC7044 Datasheet HTML 70Page - Analog Devices HMC7044 Datasheet HTML 71Page - Analog Devices HMC7044 Datasheet HTML 72Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 71 / 72 page
background image
Data Sheet
HMC7044
Rev. B | Page 71 of 72
OUTLINE DIMENSIONS
0.60
0.50
0.40
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
PIN 1
INDICATOR
6.40
6.30 SQ
6.20
SEATING
PLANE
0.05 MAX
0.02 NOM
COPLANARITY
0.08
10.10
10.00 SQ
9.90
1.20 BSC
8.00 REF
1
68
17
18
52
51
34
35
EXPOSED
PAD
0.20 REF
0.30
0.25
0.18
COMPLIANT TO JEDEC STANDARDS MO-220-VNND-2
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.90
0.85
0.80
Figure 54. 68-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
10 mm × 10 mm Body, Very Thin Quad
(HCP-68-1)
Dimensions shown in millimeters
NOTES:
1. 10 SPROCKET HOLE PITCH CUMUL ATIVE TOLERANCE ± 0.20
2. CAMBER IN COMPLIANCE WITH EIA 481
3. MATERIAL: CONDUCTIVE BLACK PO LYSTYRENE
4. MEASURED ON A PLANE 0.30 mm ABOVE THE BOTTOM OF
THE POCKET
5. MEASURED FROM A PLANE ON THE INSIDE BOTTOM OF
THE POCKET TO THE TOP SURFACE OF THE CARRIER
6. POCKET POSITION RELATIVE TO SPROCKET HOLE MEASURED
AS TRUE POSITION OF POCKET, NOT POCKET HOLE
NOTE 4
NOTE 5
NOTE 6
NOTE 1
NOTE 6
DETAIL A
DETAIL A
24.30
24.00
23.70
DIRECTION OF FEED
10.40
10.30
10.20
NOTE 4
10.40
10.30
10.20
16.10
16.00
15.90
4.10
4.00
3.90
11.60
11.50
11.40
2.10
2.00
1.90
1.85
1.75
1.65
1.20
1.10
1.00
A
A
Ø 1.5 ~ 1.6
Ø 1.5 MIN
R0.3
MAX
TOP VIEW
SECTION A-A
R 0.25
0.25
0.35
0.30
0.25
Figure 55. LFCSP Tape and Reel Outline Dimensions
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Lead Finish
MSL Rating
Package Description
Package Option
Branding2
HMC7044LP10BE
–40°C to +85°C
100% matte tin
MSL-3
68-Lead LFCSP_VQ
HCP-68-1
XXXX
7044
HMC7044LP10BETR
–40°C to +85°C
100% matte tin
MSL-3
68-Lead LFCSP_VQ
HCP-68-1
XXXX
7044
EK1HMC7044LP10B
–40°C to +85°C
Evaluation Kit
1
E = RoHS Compliant Part.
2
Four-digit lot number represented by XXXX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com