Electronic Components Datasheet Search
  English  ▼

X  

HMC7044 Datasheet(PDF) 24 Page - Analog Devices

Part # HMC7044
Description  JESD204B clock generation
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7044 Datasheet(HTML) 24 Page - Analog Devices

Back Button HMC7044 Datasheet HTML 20Page - Analog Devices HMC7044 Datasheet HTML 21Page - Analog Devices HMC7044 Datasheet HTML 22Page - Analog Devices HMC7044 Datasheet HTML 23Page - Analog Devices HMC7044 Datasheet HTML 24Page - Analog Devices HMC7044 Datasheet HTML 25Page - Analog Devices HMC7044 Datasheet HTML 26Page - Analog Devices HMC7044 Datasheet HTML 27Page - Analog Devices HMC7044 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
Data Sheet
HMC7044
Rev. B | Page 24 of 72
DETAILED BLOCK DIAGRAM
CLKIN0/RFSYNCIN
IN0 PRESCALER
(1 TO 255)
RFSYNCIN/
RFSYNCIN
CLKIN0/RFSYNCIN
CLKIN1/FIN
CLKIN1/FIN
R1 DIVIDER
(1 TO 65535)
PHASE DETECTOR
CHARGE PUMP
PLL1
R2 DIVIDER
(1 TO 4095)
N2 DIVIDER
(8 TO 4095)
SYSREF TIMER
LOS
DETECT
HOLDOVER
N1 DIVIDER
(1 TO 65535)
2×
IN1 PRESCALER
(1 TO 255)
FIN/
FIN
OSCIN
OSCIN
ANALOG
DELAY
CLKIN3
CLKIN3
SPI
OSCOUT1
OSCOUT1
IN3 PRESCALER
(1 TO 255)
CPOUT1
PARTIALLY
INTEGRATED
LOOP
FILTER
INTERNAL
VCO
×2
VCO1 ~ 2500MHz
VCO2 ~ 3000MHz
CPOUT2
FIN/FIN
OSCINBUF
CLK DISTRIBUTION PATH
CLKOUT0
CLKOUT0
SCLKOUT1
SCLKOUT1
CLKIN2/OSCOUT0
CLKIN2/OSCOUT0
IN2 PRESCALER
(1 TO 255)
OSC DIVIDER
÷1, ÷2, ÷4, ÷8
DIVIDER
÷1, ÷2
2×
MUX
MUX
MUX
VCO
MUX
EXT VCO
REF
MUX
PHASE DETECTOR
CHARGE PUMP
PLL2
SYNC/PULSOR
CONTROL
TO LEAF DIVIDERS
COARSE
DIGITAL
DELAY
CYCLE
SLIP/
SYNC
DIVIDER
(1 TO 4094)
FUNDAMENTAL MODE
FUNDAMENTAL MODE
FUNDAMENTAL MODE
FUNDAMENTAL MODE
FUNDAMENTAL MODE
FUNDAMENTAL MODE
ANALOG
DELAY
COARSE
DIGITAL
DELAY
CYCLE
SLIP/
SYNC
DIVIDER
(1 TO 4094)
ANALOG
DELAY
CLKOUT2
CLKOUT2
SCLKOUT3
SCLKOUT3
CLKOUT8
CLKOUT8
SCLKOUT9
SCLKOUT9
MUX
MUX
COARSE
DIGITAL
DELAY
CYCLE
SLIP/
SYNC
DIVIDER
(1 TO 4094)
ANALOG
DELAY
COARSE
DIGITAL
DELAY
CYCLE
SLIP/
SYNC
DIVIDER
(1 TO 4094)
ANALOG
DELAY
SYNC
GPI
SPI
OSCINBUF
RFSYNCIN/
RFSYNCIN
FSM
MUX
MUX
ANALOG
DELAY
COARSE
DIGITAL
DELAY
CYCLE
SLIP/
SYNC
DIVIDER
(1 TO 4094)
COARSE
DIGITAL
DELAY
CYCLE
SLIP/
SYNC
DIVIDER
(1 TO 4094)
FUNDAMENTAL MODE
FUNDAMENTAL MODE
FUNDAMENTAL MODE
FUNDAMENTAL MODE
ANALOG
DELAY
CLKOUT4
CLKOUT4
SCLKOUT5
SCLKOUT5
CLKOUT10
CLKOUT10
SCLKOUT11
SCLKOUT11
MUX
MUX
COARSE
DIGITAL
DELAY
CYCLE
SLIP/
SYNC
DIVIDER
(1 TO 4094)
ANALOG
DELAY
COARSE
DIGITAL
DELAY
CYCLE
SLIP/
SYNC
DIVIDER
(1 TO 4094)
ANALOG
DELAY
MUX
MUX
ANALOG
DELAY
COARSE
DIGITAL
DELAY
CYCLE
SLIP/
SYNC
DIVIDER
(1 TO 4094)
COARSE
DIGITAL
DELAY
CYCLE
SLIP/
SYNC
DIVIDER
(1 TO 4094)
FUNDAMENTAL MODE
FUNDAMENTAL MODE
FUNDAMENTAL MODE
FUNDAMENTAL MODE
LDOs
ANALOG
DELAY
CLKOUT6
CLKOUT6
SCLKOUT7
SCLKOUT7
CLKOUT12
CLKOUT12
SCLKOUT13
SCLKOUT13
MUX
MUX
COARSE
DIGITAL
DELAY
CYCLE
SLIP/
SYNC
DIVIDER
(1 TO 4094)
ANALOG
DELAY
BGA
BYP1
LDO
BYP2
LDO
BYP3
LDO
BYP4
LDO
BYP5
LDO
BYP6
LDO
BYP7
SPI
SDATA SCLK
SLEN
ALARM GENERATION
DEVICE
CONTROL
GPIO1
GPIO2
SYNC RESET
GPIO3 GPIO4
COARSE
DIGITAL
DELAY
CYCLE
SLIP/
SYNC
DIVIDER
(1 TO 4094)
ANALOG
DELAY
MUX
MUX
ANALOG
DELAY
COARSE
DIGITAL
DELAY
CYCLE
SLIP/
SYNC
DIVIDER
(1 TO 4094)
COARSE
DIGITAL
DELAY
CYCLE
SLIP/
SYNC
DIVIDER
(1 TO 4094)
VCXO PRESCALER
(1 TO 255)
Figure 35. Top Level Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com