Electronic Components Datasheet Search
  English  ▼

X  

HMC7044 Datasheet(PDF) 13 Page - Analog Devices

Part # HMC7044
Description  JESD204B clock generation
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7044 Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC7044 Datasheet HTML 9Page - Analog Devices HMC7044 Datasheet HTML 10Page - Analog Devices HMC7044 Datasheet HTML 11Page - Analog Devices HMC7044 Datasheet HTML 12Page - Analog Devices HMC7044 Datasheet HTML 13Page - Analog Devices HMC7044 Datasheet HTML 14Page - Analog Devices HMC7044 Datasheet HTML 15Page - Analog Devices HMC7044 Datasheet HTML 16Page - Analog Devices HMC7044 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
Data Sheet
HMC7044
Rev. B | Page 13 of 72
ABSOLUTE MAXIMUM RATINGS
Table 11.
Parameter
Rating
VCC1_VCO, VCC2_OUT, VCC3_SYSREF,
VCC4_OUT, VCC5_PLL1, VCC6_OSCOUT,
VCC7_PLL2, VCC8_OUT, VCC9_OUT
−0.3 V to +3.6 V
Maximum Junction Temperature (TJ)
125°C
Maximum Peak Reflow Temperature
260°C
Thermal Resistance (Channel to Ground
Paddle)
7°C/W
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
ESD Sensitivity Level
Human Body Model
Class 1C
Charged Device Model1
Class 3
1
Per JESD22-C101-F (CDM) standard.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com