Electronic Components Datasheet Search
  English  ▼

X  

HMC7044 Datasheet(PDF) 30 Page - Analog Devices

Part # HMC7044
Description  JESD204B clock generation
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7044 Datasheet(HTML) 30 Page - Analog Devices

Back Button HMC7044 Datasheet HTML 26Page - Analog Devices HMC7044 Datasheet HTML 27Page - Analog Devices HMC7044 Datasheet HTML 28Page - Analog Devices HMC7044 Datasheet HTML 29Page - Analog Devices HMC7044 Datasheet HTML 30Page - Analog Devices HMC7044 Datasheet HTML 31Page - Analog Devices HMC7044 Datasheet HTML 32Page - Analog Devices HMC7044 Datasheet HTML 33Page - Analog Devices HMC7044 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
HMC7044
Data Sheet
Rev. B | Page 30 of 72
Table 14. Reference Clock Input Bit Settings
Bit Name
Description
CLKIN0/CLKIN0 In RF SYNC
Input Mode
0 = CLKIN0/CLKIN0 does not
function as an RF sync input
CLKIN1/CLKIN1 in External
VCO Input Mode
0 = CLKIN1/CLKIN1 does not
function as external VCO (FIN//FIN)
OSCOUT0/OSCOUT0
Driver Enable
1 = OSCOUT0/OSCOUT0 buffer
does not drive CLKIN2/CLKIN2 pins
Choosing fPD1
Although PLL1 supports a wide range of PFD frequencies,
there are trade-offs with setting the frequency too high or too
low. A few megahertz is high enough to allow the comparison
frequency to stay at an offset outside of the PLL2 loop BW and
thus suppress any coupling that manages to bypass the PLL1
loop filter.
Choosing fLCM
At a minimum, fLCM must be a common submultiple of all
available references. Typical frequencies include 122.88 MHz,
61.44 MHz, 38.4 MHz, 30.72 MHz, 3.84 MHz, and 1.92 MHz.
This fLCM clock is the main clock for the PLL1 digital logic. This
clock rate also scales the PLL1 lock detect timer speeds/thresholds,
holdover ADC averaging times, and LOS assertion and revalidation
delays. Higher frequencies slightly improve the response times to
reference interruptions, whereas lower frequencies can slightly
reduce current consumption of the device by up to ~10 mA.
Values in the 30 MHz to 70 MHz range are recommended.
Program the PLL1 lock detect timer threshold based on the
PLL1 loop BW and fLCM of the user.
There are reserved registers, as described in the Control Register
Map Bit Descriptions section, that must be reprogrammed from
their default values. For example, Register 0x00A5 must be set
from 0x00 to 0x06.
COMPONENT BLOCKS—OUTPUT PLL (PLL2)
PLL2 Overview
PLL2 is a very low noise integer PLL designed to multiply the
frequency from the VCXO to the VCO. It typically operates
with a loop BW of 10 kHz to 700 kHz. Use bandwidths on the
lower end of the range to preserve the inherent VCO phase
noise at 800 kHz offset (useful in GSM-based systems), where
bandwidths on the upper end can provide the best integrated
phase noise/jitter values.
Internally, PLL2 has a number of features that allow it to
efficiently achieve a Banerjee floor FOM of −232 dBc and a
flicker FOM of −266 dBc. The combination of the on-board
VCO, an internal VCXO doubler, a low N2 minimum divide
ratio, and the ability to clock the PFD at up to 250 MHz results
in an integrated jitter (at 12 kHz to 20 MHz) of 44.0 fs typical.
PLL2 has the following features:
•
Lock detect
•
Frequency doubler
•
Partially integrated loop filter
•
VCO selection, external VCO use
•
VCO calibration
•
Multichip synchronization via PLL2
Lock Detect
The lock detect function of PLL2 behaves the same way as in
PLL1. It counts the number of consecutive PFD clock cycles
that occur with a low phase error. When it reaches a count of
512, it declares lock. The threshold of 512 is adjustable, but
because the PLL2 loop BW does not vary as much as PLL1, it is
expected that the user never needs to change this threshold.
Frequency Doubler
The user can engage a frequency doubler after the VCXO buffer
and before the reference divider (see Figure 35). The frequency
doubler assumes an approximate 50% input duty cycle, where
any duty cycle distortion can result in a spur, at fPD2/2, sup-
pressed by the PLL2 loop filter. Use of the frequency doubler is
highly recommended to achieve the best spectral performance,
provided the PFD is kept under its 250 MHz frequency limit.
Partially Integrated Loop Filter
Although the large components for the PLL2 loop filter are off
chip, there is a small on-chip resister/capacitor (RC) section
formed with R = 80 Ω and C = 4.7 pF in series. This RC section
forms a higher order pole at ~420 MHz. For practical condi-
tions, this filter segment does not affect the stability of the loop.
OFF-CHIP
CP
VCO
4.7pF
80Ω
Figure 42. On-Chip RC Circuit
Figure 43 shows the VCO input network. Depending on the
frequency band of interest (2.5 GHz or 3.0 GHz), the user must
specify which VCO to enable via the VCO Selection[1:0] SPI
word. To use the CLKIN1/FIN pin as an external VCO signal,
program this word to 0, and set the CLKIN1/CLKIN1 in external
VCO input mode bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com