Electronic Components Datasheet Search
  English  ▼

X  

HMC7044 Datasheet(PDF) 17 Page - Analog Devices

Part # HMC7044
Description  JESD204B clock generation
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7044 Datasheet(HTML) 17 Page - Analog Devices

Back Button HMC7044 Datasheet HTML 13Page - Analog Devices HMC7044 Datasheet HTML 14Page - Analog Devices HMC7044 Datasheet HTML 15Page - Analog Devices HMC7044 Datasheet HTML 16Page - Analog Devices HMC7044 Datasheet HTML 17Page - Analog Devices HMC7044 Datasheet HTML 18Page - Analog Devices HMC7044 Datasheet HTML 19Page - Analog Devices HMC7044 Datasheet HTML 20Page - Analog Devices HMC7044 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
Data Sheet
HMC7044
Rev. B | Page 17 of 72
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, PFD PLL1 = 7.68 MHz, PFD PLL2 = 122.88 MHz × 2; ICP1 = 1.92 mA, ICP2 = 2.56 mA (wide loop), ICP2 = 1.12 mA
(narrow loop), PLL1 loop BW ~ 70 Hz, PLL2 wide loop BW ≈ 650 kHz, PLL2 narrow loop BW ≈ 215 kHz, PLL2 narrow loop filter =
1.1 nF | 160 Ω × 33 nF; PLL2 wide loop filter = 150 pF | 430 Ω × 4.7 nF; PLL1 loop filter = 4.7 nF | 10 µF × 1.2 kΩ.
–70
–60
–50
–40
–80
–90
–100
–110
–120
–130
–140
–150
–160
–180
–170
100
10
1
1k
10k
100k
1M
10M
FREQUENCY (Hz)
NOISE:
ANALYSIS RANGE X: BAND MARKER
ANALYSIS RANGE Y: BAND MARKER
INTG NOISE: –66dBc/20MHz
RMS NOISE: 696µrad
0.004°
RMS JITTER: 45fs
RESIDUAL FM: 1.6kHz
3
4
5
1
2
1: 1kHz, –107.8dBc/Hz
2: 10kHz, –119.5dBc/Hz
3: 100kHz, –124.7dBc/Hz
4: 1MHz, –131.5Bc/Hz
5: 10MHz, –153.1dBc/Hz
6: 20MHz, –154.4dBc/Hz
7: 20MHz, –154.4dBc/Hz
x:
START 12kHz
STOP 20MHz
CENTER 10MHz
SPAN 20MHz
PLL1
CASCADED PLL1 + PLL2
6
7
Figure 3. Cascaded Phase Noise at 2457.6 MHz, PLL2 Wide Loop Bandwidth
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1: 1kHz, –105.3dBc/Hz
2: 10kHz, –108.5dBc/Hz
3: 100kHz, –111.4dBc/Hz
4: 800kHz, –134.2dBc/Hz
5: 1MHz, –136.5dBc/Hz
6: 10MHz, –153.3dBc/Hz
7: 20MHz, –154.6dBc/Hz
x: START 12kHz
STOP 20MHz
CENTER 10MHz
SPAN 20MHz
WIDE LOOP
NARROW LOOP
3
4
5
6
2
NOISE:
ANALYSIS RANGE X: BAND MARKER
ANALYSIS RANGE Y: BAND MARKER
INTG NOISE: –56.9dBc/20MHz
RMS NOISE: 2.0µrad
.116°
RMS JITTER: 131fs
RESIDUAL FM: 1.5kHz
7
1
Figure 4. Phase Noise at 2457.6 MHz, Narrow vs. PLL2 Wide Loop
Bandwidth
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1: 1kHz, –110.4dBc/Hz
2: 10kHz, –120.0dBc/Hz
3: 100kHz, –124.9dBc/Hz
4: 1MHz, –131.2dBc/Hz
5: 10MHz, –153.2dBc/Hz
6: 20MHz, –154.5dBc/Hz
7: 20MHz, –154.5dBc/Hz
x: START 12kHz
STOP 20MHz
CENTER 10MHz
SPAN 20MHz
NOISE:
ANALYSIS RANGE X: BAND MARKER
ANALYSIS RANGE Y: BAND MARKER
INTG NOISE: –66.1dBc/20.0MHz
RMS NOISE: 702µrad
.040°
RMS JITTER: 45fs
RESIDUAL FM: 1.6kHz
3
4
5
2
CRYSTEK VCXO
WENZEL VCXO
1
6
7
Figure 5. PLL2 Phase Noise vs. Frequency, VCXO Quality at 2457.6 MHz,
Wide Loop Bandwidth
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
TOTAL PLL1 NOISE (SIMULATED)
PFD/CP NOISE (SIMULATED)
WENZEL REF (SIMULATED)
VCXO (SIMULATED)
TOTAL PLL1 NOISE (MEASURED)
Figure 6. Closed-Loop Phase Noise at 122.88 MHz, PLL1 Measurement vs.
Simulated, Clean Reference Source, ~70 Hz Loop Bandwidth 80° Phase Margin
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
1
10
100
1k
10k
100k
FREQUENCY (Hz)
TOTAL PLL1 OUTPUT (SIMULATED)
PFD/CP NOISE (SIMULATED)
NOISY SOURCE (SIMULATED)
VCXO (SIMULATED)
NOISY SOURCE, OPEN LOOP (MEASURED)
TOTAL PLL1 NOISE (MEASURED)
Figure 7. Closed-Loop Phase Noise at 122.88 MHz, PLL1 Measurement vs.
Simulated, Noisy Reference Source, ~70 Hz Loop Bandwidth, 80° Phase Margin
–170
–165
–160
–155
–150
–145
–140
–135
–130
–125
–120
100
600
1100
1600
2100
2600
3100
3600
FREQUENCY (MHz)
800kHz WIDE LOOP
800kHz NARROW LOOP
20×LOG (800kHz WIDE LOOP)
20×LOG (800kHz NARROW LOOP)
Figure 8. Phase Noise vs. Frequency at Common Output Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com