Electronic Components Datasheet Search
  English  ▼

X  

HMC7044 Datasheet(PDF) 27 Page - Analog Devices

Part # HMC7044
Description  JESD204B clock generation
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7044 Datasheet(HTML) 27 Page - Analog Devices

Back Button HMC7044 Datasheet HTML 23Page - Analog Devices HMC7044 Datasheet HTML 24Page - Analog Devices HMC7044 Datasheet HTML 25Page - Analog Devices HMC7044 Datasheet HTML 26Page - Analog Devices HMC7044 Datasheet HTML 27Page - Analog Devices HMC7044 Datasheet HTML 28Page - Analog Devices HMC7044 Datasheet HTML 29Page - Analog Devices HMC7044 Datasheet HTML 30Page - Analog Devices HMC7044 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
Data Sheet
HMC7044
Rev. B | Page 27 of 72
INIT
RESET
PRELOAD
LOCKING
LOCKDET
LOS ACTIVE REF
NOT LOCKDET
AT LEAST ONE REFERENCE OK AND BEST
AVAILABLE REFERENCE IS SELECTED
[AND PHASES CROSSED ZERO (OPTIONAL)]
[AND DAC ASSISTED RELEASE COMPLETE (OPTIONAL)]
OR
JUST ENTERED HOLDOVER (<HOLDOFF TIMER[7:0])
AND PREVIOUS CLOCK RECOVERS
[AND DAC ASSISTED RELEASE COMPLETE (OPTIONAL)]
REVERTIVE
AND HIGHER PRIORITY
CLOCK IS AVAILABLE
LOCKED
HOLDOVER
Figure 37. PLL1 FSM Simplified State Diagram—
Autorevertive Reference Switching = 1
PLL1 Reference Inputs
PLL1 accepts up to four candidate references on CLKIN3/CLKIN3
to CLKIN0/CLKIN0. If all references appear valid, according to
the LOS, PLL1 uses a reference priority table to select the best
candidate. Using the PLL1 reference priority control bits, program
the highest priority clock (CLKIN0/CLKIN0, CLKIN1/CLKIN2,
CLKIN2/CLKIN2, or CLKIN3/CLKIN3), and then second
priority clock, and so on. It is not necessary to include unused
reference inputs in the reference priority table. Instead, specify
the same useful clock in multiple positions. In automode, reference
switching occurs in the preload state (see Figure 37) as PLL1
exits reset, or while PLL1 is in the holdover state.
The reference clock input pins (Pin 36, Pin 37, Pin 39, Pin 40,
Pin 42, and Pin 43) have dual functions; therefore, SPI configura-
tion is important for proper functionality. See the PLL1
Programming Considerations section for more information
about the relevant control bits, and the Reference Buffer Details
section for interface recommendations.
When a reference fails, the sourcing circuit recognizes a fault
and disables either the clock or the buffer driving the signal to
the HMC7044. For this reason, hysteresis in the input buffers
prevents internal toggling for signal swings <~75 mV p-p
differential, which allows further elements in the PLL1 architecture
to cleanly recognize the interruption and prevent unwanted
transients in the frequency.
PLL1 LOS Detection
The HMC7044 checks the validity of a reference by comparing
its approximate frequency vs. the VCXO. The HMC7044 supports
references at different frequencies. The first step is to divide the
available references and the VCXO to the lowest common multiple
frequency (fLCM). These divider settings are available via the SPI
control bits (CLKINx/CLKINx Input Prescaler[7:0] and OSCIN/
OSCIN Input Prescaler[7:0]). In the example shown in Figure 36,
fLCM = 61.44 MHz. The VCXO derived clock at fLCM is the main
clock to the PLL1 FSM controlling the FSM, lock detect timer,
and ADC/DAC filtering and holdover circuits. Although not
required, using the VCXO clock allows the LOS detection and
PLL1 FSM to operate at a higher rate than the PFD, allowing it to
recognize a reference failure early and enter holdover, sometimes
before a failing reference that has started to drift in either phase
or frequency (or both) can influence the PFD or CP.
The dividers in the LOS block, and to some extent, R1, pose a
few challenges. The input frequencies are up to 800 MHz, with a
wide divider range. Furthermore, they are designed to tolerate
glitchy clocks without catastrophic results, because a reset phase
is not always available after an issue is detected.
When all the references are divided to the same frequency, they
are compared relative to the VCXO derived path, and thus each
other. This comparison is performed by a circuit that looks for
three edges of a clock within one period of the other. If it appears
that a reference signal is too slow, its LOS flag is asserted and, in
automode, PLL1 uses this information to disqualify and/or
abandon a reference. Conversely, if it appears that the VCXO is
too slow according to any of the active references, a warning is
generated (available as one of the configurable options for the
GPO, or readable on the SPI) but no automated action occurs.
The HMC7044 monitors reference signals for three edges of a clock
within one period of the other, instead of the more intuitive two
edges, to avoid false LOS flags as clocks that are slightly out of
frequency cross each other in phase in the presence of interference,
noise, and circuit offsets. The result is that the LOS triggers when
the failing reference clock frequency is approximately an octave
from the intended frequency.
After a reference signal returns and its frequency is within an
octave of the VCXO, two to three cycles of the LOS validation
timer must expire before the LOS flag is deasserted and the
reference is considered for potential use. The LOS validation
timer is programmable between 0 LCM cycles (no hysteresis),
and 64 LCM cycles via LOS Validation Timer[2:0] in
Register 0x0015, Bits[2:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com